Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA114EE Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA114EE
Description  PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA114EE Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA114EE Datasheet HTML 1Page - NXP Semiconductors PDTA114EE Datasheet HTML 2Page - NXP Semiconductors PDTA114EE Datasheet HTML 3Page - NXP Semiconductors PDTA114EE Datasheet HTML 4Page - NXP Semiconductors PDTA114EE Datasheet HTML 5Page - NXP Semiconductors PDTA114EE Datasheet HTML 6Page - NXP Semiconductors PDTA114EE Datasheet HTML 7Page - NXP Semiconductors PDTA114EE Datasheet HTML 8Page - NXP Semiconductors PDTA114EE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 02
5
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 10 kΩ
PDTA114E series
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE = 0
−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB = 0
−1
μA
VCE = −30 V; IB = 0; Tj = 150 °C
−50
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−400
μA
hFE
DC current gain
VCE = −5 V; IC = −5 mA
30
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−150
mV
Vi(off)
input-off voltage
IC = −100 μA; VCE = −5 V
−1.1
−0.8
V
Vi(on)
input-on voltage
IC = −10 mA; VCE = −0.3 V
−2.5
−1.8
V
R1
input resistor
7
10
13
k
Ω
resistor ratio
0.8
1
1.2
Cc
collector capacitance
IE = ie = 0; VCB = −10 V; f = 1 MHz −
3
pF
R2
R1
--------


Similar Part No. - PDTA114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EE PHILIPS-PDTA114EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
logo
Nexperia B.V. All right...
PDTA114EE NEXPERIA-PDTA114EE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
logo
NXP Semiconductors
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results

Similar Description - PDTA114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PQMD3 NEXPERIA-PQMD3 Datasheet
733Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMD3 NXP-PEMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Rev. 10-15 November 2009
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PEMB9 NXP-PEMB9 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PDTA114EMB NEXPERIA-PDTA114EMB Datasheet
845Kb / 12P
   PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PQMH11 NEXPERIA-PQMH11 Datasheet
707Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
   PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMH11 NXP-PEMH11 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com