Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA114EE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA114EE
Description  PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA114EE Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA114EE Datasheet HTML 1Page - NXP Semiconductors PDTA114EE Datasheet HTML 2Page - NXP Semiconductors PDTA114EE Datasheet HTML 3Page - NXP Semiconductors PDTA114EE Datasheet HTML 4Page - NXP Semiconductors PDTA114EE Datasheet HTML 5Page - NXP Semiconductors PDTA114EE Datasheet HTML 6Page - NXP Semiconductors PDTA114EE Datasheet HTML 7Page - NXP Semiconductors PDTA114EE Datasheet HTML 8Page - NXP Semiconductors PDTA114EE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 02
4
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 10 kΩ
PDTA114E series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
THERMAL CHARACTERISTICS
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−50
V
VCEO
collector-emitter voltage
open base
−50
V
VEBO
emitter-base voltage
open collector
−10
V
VI
input voltage
positive
+10
V
negative
−40
V
IO
output current (DC)
−100
mA
ICM
peak collector current
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT54
note 1
500
mW
SOT23
note 1
250
mW
SOT346
note 1
250
mW
SOT323
note 1
200
mW
SOT416
note 1
150
mW
SOT490
notes 1 and 2
250
mW
SOT883
notes 2 and 3
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
SOT54
note 1
250
K/W
SOT23
note 1
500
K/W
SOT346
note 1
500
K/W
SOT323
note 1
625
K/W
SOT416
note 1
833
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W


Similar Part No. - PDTA114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EE PHILIPS-PDTA114EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
logo
Nexperia B.V. All right...
PDTA114EE NEXPERIA-PDTA114EE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
logo
NXP Semiconductors
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results

Similar Description - PDTA114EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PQMD3 NEXPERIA-PQMD3 Datasheet
733Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMD3 NXP-PEMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Rev. 10-15 November 2009
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PEMB9 NXP-PEMB9 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PDTA114EMB NEXPERIA-PDTA114EMB Datasheet
845Kb / 12P
   PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PQMH11 NEXPERIA-PQMH11 Datasheet
707Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
   PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMH11 NXP-PEMH11 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com