Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA114E Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTA114E
Description  PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA114E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTA114E Datasheet HTML 6Page - NXP Semiconductors PDTA114E Datasheet HTML 7Page - NXP Semiconductors PDTA114E Datasheet HTML 8Page - NXP Semiconductors PDTA114E Datasheet HTML 9Page - NXP Semiconductors PDTA114E Datasheet HTML 10Page - NXP Semiconductors PDTA114E Datasheet HTML 11Page - NXP Semiconductors PDTA114E Datasheet HTML 12Page - NXP Semiconductors PDTA114E Datasheet HTML 13Page - NXP Semiconductors PDTA114E Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 02
10
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 10 kΩ
PDTA114E series
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - PDTA114E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EE PHILIPS-PDTA114EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
logo
Nexperia B.V. All right...
PDTA114EE NEXPERIA-PDTA114EE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
logo
NXP Semiconductors
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 19
logo
Nexperia B.V. All right...
PDTA114EM NEXPERIA-PDTA114EM Datasheet
229Kb / 11P
   50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
More results

Similar Description - PDTA114E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PQMD3 NEXPERIA-PQMD3 Datasheet
733Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMD3 NXP-PEMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Rev. 10-15 November 2009
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PEMB9 NXP-PEMB9 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PDTA114EMB NEXPERIA-PDTA114EMB Datasheet
845Kb / 12P
   PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PQMH11 NEXPERIA-PQMH11 Datasheet
707Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
   PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMH11 NXP-PEMH11 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com