Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8578 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8578
Description  LCD row/column driver for dot matrix graphic displays
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8578 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8578 Datasheet HTML 36Page - NXP Semiconductors PCF8578 Datasheet HTML 37Page - NXP Semiconductors PCF8578 Datasheet HTML 38Page - NXP Semiconductors PCF8578 Datasheet HTML 39Page - NXP Semiconductors PCF8578 Datasheet HTML 40Page - NXP Semiconductors PCF8578 Datasheet HTML 41Page - NXP Semiconductors PCF8578 Datasheet HTML 42Page - NXP Semiconductors PCF8578 Datasheet HTML 43Page - NXP Semiconductors PCF8578 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
PCF8578_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 5 May 2009
40 of 46
NXP Semiconductors
PCF8578
LCD row/column driver for dot matrix graphic displays
Fig 31. Package outline SOT357-1 (TQFP64) of PCF8578HT/1
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.2
0.15
0.05
1.05
0.95
0.25
0.27
0.17
0.18
0.12
10.1
9.9
0.5
12.15
11.85
1.45
1.05
7
0
o
o
0.08
0.1
1
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT357-1
137E10
MS-026
00-01-19
02-03-14
D(1)
(1)
(1)
10.1
9.9
HD
12.15
11.85
E
Z
1.45
1.05
D
b p
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
16
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
X
1
64
49
48
33
32
17
y
pin 1 index
w M
w M
0
2.5
5 mm
scale
TQFP64: plastic thin quad flat package; 64 leads; body 10 x 10 x 1.0 mm
SOT357-1


Similar Part No. - PCF8578

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
   LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8578 PHILIPS-PCF8578 Datasheet
261Kb / 48P
   LCD row/column driver for dot matrix graphic displays
2003 Apr 14
PCF8578 NXP-PCF8578 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8578H PHILIPS-PCF8578H Datasheet
323Kb / 44P
   LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8578H PHILIPS-PCF8578H Datasheet
261Kb / 48P
   LCD row/column driver for dot matrix graphic displays
2003 Apr 14
More results

Similar Description - PCF8578

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
   LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
   LCD column driver for dot matrix graphic displays
1997 Apr 01
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
   LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8578 PHILIPS-PCF8578_03 Datasheet
261Kb / 48P
   LCD row/column driver for dot matrix graphic displays
2003 Apr 14
logo
Toshiba Semiconductor
T6K01 TOSHIBA-T6K01 Datasheet
238Kb / 13P
   COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T7932 TOSHIBA-T7932 Datasheet
887Kb / 20P
   COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6B65AFG TOSHIBA-T6B65AFG Datasheet
472Kb / 15P
   Column Driver LSI for Dot Matrix Graphic LCD?셲
T6K14 TOSHIBA-T6K14 Datasheet
593Kb / 45P
   COLUMN AND ROW DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6A04A TOSHIBA-T6A04A Datasheet
307Kb / 25P
   Column and Row Driver LSI for a Dot Matrix Graphic LCD
T6C84 TOSHIBA-T6C84 Datasheet
407Kb / 29P
   COLUMN AND ROW DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com