Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

nanoSMDC020F Datasheet(PDF) 8 Page - Tyco Electronics

Part # nanoSMDC020F
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

nanoSMDC020F Datasheet(HTML) 8 Page - Tyco Electronics

Back Button nanoSMDC020F Datasheet HTML 4Page - Tyco Electronics nanoSMDC020F Datasheet HTML 5Page - Tyco Electronics nanoSMDC020F Datasheet HTML 6Page - Tyco Electronics nanoSMDC020F Datasheet HTML 7Page - Tyco Electronics nanoSMDC020F Datasheet HTML 8Page - Tyco Electronics nanoSMDC020F Datasheet HTML 9Page - Tyco Electronics nanoSMDC020F Datasheet HTML 10Page - Tyco Electronics nanoSMDC020F Datasheet HTML 11Page - Tyco Electronics nanoSMDC020F Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
138
15
RoHS Compliant, ELV Compliant
Dimensions for Surface-mount Devices in Millimeters (Inches)
... Cont’d
Table S4
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC125F
4.37
4.73
0.28
0.48
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.011) (0.019)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC125F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.011) (0.019)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC150F
4.37
4.73
0.28
0.48
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.011) (0.019)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC150F/12
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.011) (0.019)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC150F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.011) (0.019)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC150F/24
4.37
4.83
1.00
1.94
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.040) (0.077)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC160F
4.37
4.73
0.28
0.48
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.011) (0.019)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC200F
4.37
4.73
0.51
1.22
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.020) (0.048)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC200S
4.37
4.73
0.36
0.60
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.014) (0.024)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC260F
4.37
4.73
0.48
0.78
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.186)
(0.019) (0.031)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC260F/12
4.37
4.83
1.02
1.52
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.042) (0.060)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC260F/13.2
4.37
4.83
1.02
1.52
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.042) (0.060)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDC260F/16
4.37
4.83
1.02
1.52
3.07
3.41
0.25
0.95
0.20
--
-
-
-
-
S2
(0.172) (0.190)
(0.042) (0.060)
(0.121) (0.134)
(0.010) (0.040)
(0.008)
--
-
-
-
-
miniSMDE Series
Size 11550 mm/4420 mils
miniSMDE190F
11.15
11.51
0.33
0.53
4.83
5.33
0.51
1.02
0.381
--
-
-
-
-
S2
(0.439) (0.453)
(0.013) (0.021)
(0.190) (0.210)
(0.020) (0.040)
(0.015)
--
-
-
-
-
-
midSMD Series
Size 5050 mm/2018 mils
SMD030F-2018
4.72
5.44
-
1.78
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
--
-
S4
(0.186) (0.214)
-
(0.070)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
--
-
-
decaSMDC050F/60
4.70
5.31
0.63
0.89
4.19
4.81
0.25
0.95
0.25
--
-
-
-
-
S2
(0.185) (0.209)
(0.025) (0.035)
(0.165) (0.189)
(0.010) (0.040)
(0.010)
--
-
-
-
-
-
SMD100F-2018
4.72
5.44
-
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
--
-
S4
(0.186) (0.214)
-
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
--
-
-
SMD150F-2018
4.72
5.44
-
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
--
-
S4
(0.186) (0.214)
-
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
--
-
-
SMD200F-2018
4.72
5.44
-
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
--
-
S4
(0.186) (0.214)
-
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
--
-
-
SMD Series
Size 7555 mm/2920 mils
SMD030F
6.73
7.98
-
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD050F
6.73
7.98
-
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD075F
6.73
7.98
-
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD075F/60
6.73
7.98
-
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD100F
6.73
7.98
-
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD100F/33
6.73
7.98
-
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMDH120
6.73
7.98
-
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD125F
6.73
7.98
-
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD260F
6.73
7.98
-
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
SMD300F
6.73
7.98
-
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S5
(0.265) (0.314)
-
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
-
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
NEW
NEW


Similar Part No. - nanoSMDC020F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NANOSMDC020F ETC-NANOSMDC020F Datasheet
68Kb / 1P
   PolySwitch PTC Devices
logo
Tyco Electronics
nanoSMDC020F MACOM-nanoSMDC020F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
NANOSMDC020F MACOM-NANOSMDC020F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
NANOSMDC020F LITTELFUSE-NANOSMDC020F Datasheet
340Kb / 2P
   PolySwitch PTC Devices
logo
Tyco Electronics
NANOSMDC020F-2 MACOM-NANOSMDC020F-2 Datasheet
98Kb / 1P
   Specification Status: Released
More results

Similar Description - nanoSMDC020F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com