Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP392M100E9P3 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # SLP392M100E9P3
Description  Type SLP 105 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP392M100E9P3 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  SLP392M100E9P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP392M100E9P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP392M100E9P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP392M100E9P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP392M100E9P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP392M100E9P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP392M100E9P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP392M100E9P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Type SLP 105 °C Snap-In Aluminum Electrolytic
Best Value 105 °C Snap-In Type
3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal
3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
400 Vdc (450 Vdc Surge)
420 Vdc (470 Vdc Surge)
47
SLP470M400A1P3
7.058 5.294
0.42
0.62
22 x 25
220
SLP221M420C4P3
1.508 1.131
1.13
1.66
25 x 45
68
SLP680M400A1P3
4.879 3.659
0.50
0.74
22 x 25
220
SLP221M420E5P3
1.508 1.131
1.10
1.62
30 x 35
82
SLP820M400A1P3
4.046 3.035
0.64
0.94
22 x 25
220
SLP221M420H1P3
1.508 1.131
1.10
1.62
35 x 25
100
SLP101M400A3P3
3.317 2.488
0.70
1.03
22 x 30
270
SLP271M420C9P3
1.229 0.922
1.37
2.01
25 x 50
100
SLP101M400C1P3
3.317 2.488
0.70
1.03
25 x 25
270
SLP271M420E7P3
1.229 0.922
1.25
1.84
30 x 40
120
SLP121M400A5P3
2.765 2.074
0.75
1.10
22 x 35
270
SLP271M420H3P3
1.229 0.922
1.22
1.79
35 x 30
120
SLP121M400C3P3
2.765 2.074
0.75
1.10
25 x 30
330
SLP331M420E4P3
1.005 0.754
1.49
2.19
30 x 45
150
SLP151M400A7P3
2.212 1.659
0.88
1.29
22 x 40
330
SLP331M420H5P3
1.005 0.754
1.45
2.13
35 x 35
150
SLP151M400C5P3
2.212 1.659
0.89
1.31
25 x 35
390
SLP391M420E9P3
0.851 0.638
1.67
2.45
30 x 50
150
SLP151M400E1P3
2.212 1.659
0.88
1.29
30 x 25
390
SLP391M420H7P3
0.851 0.638
1.66
2.44
35 x 40
150
SLP151M400C3P3
2.212 1.659
0.83
1.22
25 x 30
470
SLP471M420H4P3
0.706 0.530
1.90
2.79
35 x 45
180
SLP181M400A4P3
1.843 1.382
0.98
1.44
22 x 45
450 Vdc (500 Vdc Surge)
180
SLP181M400E3P3
1.843 1.382
0.98
1.44
30 x 30
47
SLP470M450A1P3
7.060 5.295
0.40
0.59
22 x 25
220
SLP221M400A9P3
1.508 1.131
1.10
1.62
22 x 50
56
SLP560M450A1P3
5.924 4.443
0.50
0.74
22 x 25
220
SLP221M400C5P3
1.508 1.131
1.04
1.53
25 x 35
68
SLP680M450A3P3
4.879 3.659
0.53
0.78
22 x 30
220
SLP221M400C7P3
1.508 1.131
1.10
1.62
25 x 40
68
SLP680M450C1P3
4.879 3.659
0.53
0.78
25 x 25
220
SLP221M400E3P3
1.508 1.131
1.10
1.62
30 x 30
82
SLP820M450A3P3
4.046 3.035
0.64
0.94
22 x 30
220
SLP221M400E5P3
1.508 1.131
1.28
1.88
35 x 35
82
SLP820M450C1P3
4.046 3.035
0.64
0.94
25 x 25
270
SLP271M400C9P3
1.229 0.922
1.29
1.90
25 x 50
100
SLP101M450A5P3
3.317 2.488
0.69
1.01
22 x 35
270
SLP271M400E5P3
1.229 0.922
1.22
1.79
30 x 35
100
SLP101M450C3P3
3.317 2.488
0.69
1.01
25 x 30
270
SLP271M400H3P3
1.229 0.922
1.22
1.79
35 x 30
100
SLP101M450E1P3
3.317 2.488
0.72
1.06
30 x 25
330
SLP331M400E4P3
1.005 0.754
1.55
2.28
30 x 45
100
SLP101M450C7P3
3.317 2.488
0.78
1.15
25 x 40
330
SLP331M400H3P3
1.005 0.754
1.44
2.12
35 x 30
100
SLP101M450A3P3
3.317 2.488
0.65
0.96
22 x 30
330
SLP331M400E5P3
1.005 0.754
1.39
2.04
30 x 35
120
SLP121M450A7P3
2.765 2.074
0.80
1.18
22 x 40
390
SLP391M400E4P3
0.851 0.638
1.60
2.35
30 x 45
120
SLP121M450C3P3
2.765 2.074
0.80
1.18
25 x 30
390
SLP391M400H5P3
0.851 0.638
1.60
2.35
35 x 35
120
SLP121M450E1P3
2.765 2.074
0.80
1.18
30 x 25
470
SLP471M400H7P3
0.706 0.530
1.90
2.79
35 x 40
150
SLP151M450A4P3
2.212 1.659
0.88
1.29
22 x 45
560
SLP561M400H4P3
0.592 0.444
2.12
3.12
35 x 45
150
SLP151M450C5P3
2.212 1.659
0.88
1.29
25 x 35
680
SLP681M400H4P3
0.488 0.366
2.34
3.44
35 x 45
150
SLP151M450E3P3
2.212 1.659
0.88
1.29
30 x 30
420 Vdc (470 Vdc Surge)
150
SLP151M450C3P3
2.121 1.591
0.82
1.21
25 x 30
68
SLP680M420A1P3
4.879 3.659
0.55
0.81
22 x 25
180
SLP181M450C7P3
1.843 1.382
1.00
1.47
25 x 40
82
SLP820M420A1P3
4.046 3.035
0.64
0.94
22 x 25
180
SLP181M450E3P3
1.843 1.382
1.00
1.47
30 x 30
82
SLP820M420C1P3
4.046 3.035
0.58
0.85
25 x 25
220
SLP221M450C4P3
1.508 1.131
1.12
1.65
25 x 45
100
SLP101M420A3P3
3.317 2.488
0.70
1.03
22 x 30
220
SLP221M450E5P3
1.508 1.131
1.12
1.65
30 x 35
100
SLP101M420C1P3
3.317 2.488
0.70
1.03
25 x 25
220
SLP221M450H3P3
1.508 1.131
1.12
1.65
35 x 30
120
SLP121M420A5P3
2.765 2.074
0.75
1.10
22 x 35
220
SLP221M450E3P3
1.508 1.131
1.05
1.54
30 x 30
120
SLP121M420C3P3
2.765 2.074
0.75
1.10
25 x 30
270
SLP271M450E7P3
1.229 0.922
1.28
1.88
30 x 40
120
SLP121M420E1P3
2.765 2.074
0.78
1.15
30 x 25
270
SLP271M450H5P3
1.229 0.922
1.28
1.88
35 x 35
150
SLP151M420A7P3
2.212 1.659
0.88
1.29
22 x 40
330
SLP331M450E9P3
1.005 0.754
1.45
2.13
30 x 50
150
SLP151M420C5P3
2.212 1.659
0.88
1.29
25 x 35
330
SLP331M450H5P3
1.005 0.754
1.37
2.01
35 x 35
150
SLP151M420E1P3
2.212 1.659
0.88
1.29
30 x 25
330
SLP331M450H7P3
1.005 0.754
1.45
2.13
35 x 40
180
SLP181M420A4P3
1.843 1.382
0.95
1.40
22 x 45
390
SLP391M450H7P3
0.851 0.638
1.55
2.28
35 x 40
180
SLP181M420C7P3
1.843 1.382
0.97
1.43
25 x 40
470
SLP471M450H4P3
0.706 0.530
1.77
2.60
35 x 45
180
SLP181M420E3P3
1.843 1.382
0.96
1.41
30 x 30
470
SLP471M450H9P3
0.706 0.530
1.85
2.72
35 x 50
180
SLP181M420H1P3
1.843 1.382
0.94
1.38
35 x 25
560
SLP561M450H9P3
0.590 0.443
2.00
2.94
35 x 50
Additional Voltages and Sizes available at www.cde.com/catalogs/SLP.pdf
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLP392M100E9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP392M100E9P3 CDE-SLP392M100E9P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
SLP392M100E9P3 CDE-SLP392M100E9P3 Datasheet
369Kb / 9P
   Best for switching power supplies
More results

Similar Description - SLP392M100E9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com