Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92140 Datasheet(PDF) 1 Page - FCI connector

Part # 92140
Description  68 POS EJECTOR HEADER ASSY FOR 5.0V APPLICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

92140 Datasheet(HTML) 1 Page - FCI connector

  92140 Datasheet HTML 1Page - FCI connector 92140 Datasheet HTML 2Page - FCI connector 92140 Datasheet HTML 3Page - FCI connector 92140 Datasheet HTML 4Page - FCI connector 92140 Datasheet HTML 5Page - FCI connector 92140 Datasheet HTML 6Page - FCI connector 92140 Datasheet HTML 7Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PDM: Rev:AJ
Released
.
STATUS:
Printed: Feb 20, 2010


Similar Part No. - 92140

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9214 ALPHAWIRE-9214 Datasheet
107Kb / 4P
   Customer Specification
logo
Texas Instruments
92148A150 TI1-92148A150 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
92148A150 TI1-92148A150 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
More results

Similar Description - 92140

ManufacturerPart #DatasheetDescription
logo
FCI connector
92193 FCI-CONNECTOR-92193 Datasheet
992Kb / 10P
   68P EJECTOR HEADER ASSY FOR TYPE I/II/III (FOR 5.OV)
logo
Tyco Electronics
5146025-1 MACOM-5146025-1 Datasheet
349Kb / 2P
   CONNECTOR ASSY, PIN HEADER WITH RH EJECTOR, 68 POSN, TOP BD MTG, THRU-HOLE, AMP MEMORY CARD
logo
List of Unclassifed Man...
71271-050CALF ETC2-71271-050CALF Datasheet
333Kb / 3P
   68 POS. EJECT HEADER ASSEMBLY WITH THREADED INSERTS
logo
FCI connector
71271-050CALF FCI-CONNECTOR-71271-050CALF Datasheet
333Kb / 3P
   68 POS. EJECT HEADER ASSEMBLY WITH THREADED INSERTS
logo
List of Unclassifed Man...
S894-10-068-00-240000 ETC1-S894-10-068-00-240000 Datasheet
81Kb / 1P
   68 POS. PLCC ADAPTER
logo
Tyco Electronics
1-1123824-1 MACOM-1-1123824-1 Datasheet
93Kb / 1P
   ECONOMY POWER(EP)CONN.1 POS HEADER ASSY
2-1419158-8 MACOM-2-1419158-8 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
2-1419158-7 MACOM-2-1419158-7 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
2-1419158-6 MACOM-2-1419158-6 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS.
2-1419170-9 MACOM-2-1419170-9 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com