Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87021-635 Datasheet(PDF) 3 Page - FCI connector

Part # 87021-635
Description  HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL94V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

87021-635 Datasheet(HTML) 3 Page - FCI connector

  87021-635 Datasheet HTML 1Page - FCI connector 87021-635 Datasheet HTML 2Page - FCI connector 87021-635 Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PDM: Rev:X
Released
.
STATUS:
Printed: Feb 20, 2010


Similar Part No. - 87021-635

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87021AMILF IDT-87021AMILF Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
87021AMILF RENESAS-87021AMILF Datasheet
782Kb / 14P
   ÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
logo
Integrated Device Techn...
87021AMILFT IDT-87021AMILFT Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
87021AMILFT RENESAS-87021AMILFT Datasheet
782Kb / 14P
   ÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
logo
Integrated Device Techn...
87021I IDT-87021I Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
More results

Similar Description - 87021-635

ManufacturerPart #DatasheetDescription
logo
FCI connector
73542 FCI-CONNECTOR-73542 Datasheet
178Kb / 2P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
87023 FCI-CONNECTOR-87023 Datasheet
331Kb / 4P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
89891 FCI-CONNECTOR-89891 Datasheet
85Kb / 2P
   HOUSING MATERIAL: THERMOPLASTIC GLASS FILLED FLAME RETARDANT PER UL 94V-0
87471 FCI-CONNECTOR-87471 Datasheet
285Kb / 3P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
87814 FCI-CONNECTOR-87814 Datasheet
173Kb / 2P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
89885 FCI-CONNECTOR-89885 Datasheet
83Kb / 2P
   HOUSING MATERIAL: THERMOPLASTIC GLASS FILLED FLAME RETARDANT PER UL 94V-0
87022 FCI-CONNECTOR-87022 Datasheet
246Kb / 3P
   HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
87024 FCI-CONNECTOR-87024 Datasheet
271Kb / 3P
   HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
logo
Kersemi Electronic Co.,...
3P4MH KERSEMI-3P4MH Datasheet
922Kb / 4P
   Employs flame-retardant epoxy resin UL94V-0
logo
Shanghai Leiditech Elec...
HL16-400H LEIDITECH-HL16-400H Datasheet
279Kb / 1P
   Encapsulation material: flame-retardant epoxy powder, in line with UL94V-0 requirements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com