Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9626BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9626BS
Description  24-bit Fm I2C-bus 100 mA 40 V LED driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9626BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9626BS Datasheet HTML 2Page - NXP Semiconductors PCA9626BS Datasheet HTML 3Page - NXP Semiconductors PCA9626BS Datasheet HTML 4Page - NXP Semiconductors PCA9626BS Datasheet HTML 5Page - NXP Semiconductors PCA9626BS Datasheet HTML 6Page - NXP Semiconductors PCA9626BS Datasheet HTML 7Page - NXP Semiconductors PCA9626BS Datasheet HTML 8Page - NXP Semiconductors PCA9626BS Datasheet HTML 9Page - NXP Semiconductors PCA9626BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
PCA9626_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2009
6 of 47
NXP Semiconductors
PCA9626
24-bit Fm+ I2C-bus 100 mA 40 V LED driver
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type
Description
LED22
43
O
LED driver 22
LED23
44
O
LED driver 23
VSS
1, 6, 7, 12, 16, 21, 25,
30, 31, 36, 37, 45, 48[1]
power supply
supply ground
A0
46
I
address input 0
A1
47
I
address input 1
LED0
2
O
LED driver 0
LED1
3
O
LED driver 1
LED2
4
O
LED driver 2
LED3
5
O
LED driver 3
LED4
8
O
LED driver 4
LED5
9
O
LED driver 5
LED6
10
O
LED driver 6
LED7
11
O
LED driver 7
A2
13
I
address input 2
A3
14
I
address input 3
A4
15
I
address input 4
LED8
17
O
LED driver 8
LED9
18
O
LED driver 9
LED10
19
O
LED driver 10
LED11
20
O
LED driver 11
A5
22
I
address input 5
A6
23
I
address input 6
OE
24
I
active LOW output enable
LED12
26
O
LED driver 12
LED13
27
O
LED driver 13
LED14
28
O
LED driver 14
LED15
29
O
LED driver 15
LED16
32
O
LED driver 16
LED17
33
O
LED driver 17
LED18
34
O
LED driver 18
LED19
35
O
LED driver 19
SCL
38
I
serial clock line
SDA
39
I/O
serial data line
VDD
40
power supply
supply voltage
LED20
41
O
LED driver 20
LED21
42
O
LED driver 21


Similar Part No. - PCA9626BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9626BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
   24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com