Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTCR37-301M-P10-FS Datasheet(PDF) 3 Page - Tyco Electronics

Part # GTCR37-301M-P10-FS
Description  Gas Discharge Tube Three Electrode 7.5mm Diameter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCR37-301M-P10-FS Datasheet(HTML) 3 Page - Tyco Electronics

  GTCR37-301M-P10-FS Datasheet HTML 1Page - Tyco Electronics GTCR37-301M-P10-FS Datasheet HTML 2Page - Tyco Electronics GTCR37-301M-P10-FS Datasheet HTML 3Page - Tyco Electronics GTCR37-301M-P10-FS Datasheet HTML 4Page - Tyco Electronics GTCR37-301M-P10-FS Datasheet HTML 5Page - Tyco Electronics GTCR37-301M-P10-FS Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Gas Discharge Tube
Three Electrode 7.5mm Diameter
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: GTCx37
DOCUMENT: SCD 25821
REV LETTER: D
REV DATE: MAY 25, 2007
PAGE NO.: 3 OF 6
GENERAL CHARACTERISTICS
No Radioactive Materials
Storage temperature:
Devices without Fail-Short mechanism:
-40°C … +90°C
Devices with Fail-Short mechanism:
-20°C … +65°C
Operating temperature:
Devices without Fail-Short mechanism:
-40°C … +90°C
Devices with Fail-Short mechanism:
-20°C … +65°C
Body: Nickel Plated
Lead Material : Tin Plated
UL 497B Pending
DEVICE RATINGS AND CHARACTERISTICS
DC Sparkover
Voltage
(A-E) (B-E)
Impulse Sparkover
Voltage
(A-E) (B-E)
Insulation
Resistance
Capacitance
DC Holdover
Voltage
Impulse Life
(A+B-E)
Impulse Discharge
Current 8/20μs
(A+B-E)
AC Discharge Current,
50Hz
(A+B-E)
Part Number
@ 100V/s
@ 100V/μs @ 1kV/μs
@ 100VDC
@ 1MHz
Per ITU K.12
10/1000μs,
400A
Single
Hit
Repeat 10
times
(5 times
each
polarity)
Single Hit,
9 Cycles
Repeat 10
times
(1s interval)
GTCR37-900M-P10
GTCR37-900M-P10-FS
GTCT37-900M-P10
90V ± 20%
≤ 700V
≤ 850V
≥ 10,000MΩ
1
≤ 3.0pF
≤ 52V
300 times
20kA
10kA
130A
10A
GTCR37-151M-P10
GTCR37-151M-P10-FS
GTCT37-151M-P10
150V ± 20%
≤ 700V
≤ 850V
≥ 10,000MΩ
1
≤ 3.0pF
≤ 52V
300 times
20kA
10kA
130A
10A
GTCR37-201N-P1
GTCR37-201N-P10-FS
GTCT37-201N-P10
200V ± 25%
≤ 500V
≤ 650V
≥ 10,000MΩ
≤ 3.0pF
≤ 135V
300 times
20kA
10kA
130A
10A
GTCR37-231M-P10
GTCR37-231M-P10-FS
GTCT37-231M-P10
230V ± 20%
≤ 500V
≤ 650V
≥ 10,000MΩ
≤ 3.0pF
≤ 135V
300 times
20kA
10kA
130A
10A
GTCR37-251M-P10
GTCR37-251M-P10-FS
GTCT37-251M-P10
250V ± 20%
≤ 500V
≤ 650V
≥ 10,000MΩ
≤ 3.0pF
≤ 135V
300 times
20kA
10kA
130A
10A
GTCR37-261M-P10
GTCR37-261M-P10-FS
GTCT37-261M-P10
260V ± 20%
≤ 500V
≤ 650V
≥ 10,000MΩ
≤ 3.0pF
≤ 135V
300 times
20kA
10kA
130A
10A
GTCR37-301M-P10
GTCR37-301M-P10-FS
GTCT37-301M-P10
300V ± 20%
≤ 600V
≤ 750V
≥ 10,000MΩ
≤ 3.0pF
≤ 135V
300 times
20kA
10kA
130A
10A
GTCR37-351M-P10
GTCR37-351M-P10-FS
GTCT37-351M-P10
350V ± 20%
≤ 600V
≤ 750V
≥ 10,000MΩ
≤ 3.0pF
≤ 150V
300 times
20kA
10kA
130A
10A
GTCR37-401M-P10
GTCR37-401M-P10-FS
GTCT37-401M-P10
400V ± 20%
≤ 700V
≤ 850V
≥ 10,000MΩ
≤ 3.0pF
≤ 150V
300 times
20kA
10kA
130A
10A
GTCR37-551M-P10
GTCR37-551M-P10-FS
GTCT37-551M-P10
550V ± 20%
≤ 850V
≤ 1,000V
≥ 10,000MΩ
≤ 3.0pF
≤ 150V
300 times
20kA
10kA
130A
10A
Note 1. Insulation Resistance measured at 50 VDC.
A
E
B


Similar Part No. - GTCR37-301M-P10-FS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCR36-351M-R10-FT MACOM-GTCR36-351M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
More results

Similar Description - GTCR37-301M-P10-FS

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90M SOCAY-UN2E8-90M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90ML SOCAY-UN2E8-90ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150ML SOCAY-UN2E8-150ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250ML SOCAY-UN2E8-250ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-470M SOCAY-UN2E8-470M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470MSMD SOCAY-UN2E8-470MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600M SOCAY-UN2E8-600M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com