Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX103M035A9P3 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # SLPX103M035A9P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX103M035A9P3 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  SLPX103M035A9P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX103M035A9P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX103M035A9P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX103M035A9P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX103M035A9P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX103M035A9P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX103M035A9P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX103M035A9P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLPX 85 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/85°C
Size (DxL)
μF
3000 h @ 85 ºC
(Ω)
(A
rms)
(mm)
80 Vdc (100 Vdc Surge)
3300
SLPX332M080E3P3
0.101
3.25
30 x 30
3900
SLPX392M080C4P3
0.085
3.62
25 x 45
3900
SLPX392M080E5P3
0.085
3.70
30 x 35
4700
SLPX472M080C9P3
0.071
4.28
25 x 50
4700
SLPX472M080E7P3
0.071
4.23
30 x 40
4700
SLPX472M080H3P3
0.071
4.12
35 x 30
5600
SLPX562M080E4P3
0.059
4.70
30 x 45
5600
SLPX562M080H5P3
0.059
4.64
35 x 35
6800
SLPX682M080E9P3
0.049
5.27
30 x 50
6800
SLPX682M080H7P3
0.049
5.24
35 x 40
8200
SLPX822M080H4P3
0.040
5.89
35 x 45
10000
SLPX103M080E9P3
0.033
6.63
35 x 50
100 Vdc (125 Vdc Surge)
820
SLPX821M100A1P3
0.324
1.86
22 x 25
1000
SLPX102M100A3P3
0.265
2.02
22 x 30
1200
SLPX122M100A3P3
0.221
2.12
22 x 30
1200
SLPX122M100C1P3
0.221
2.11
25 x 25
1500
SLPX152M100A5P3
0.177
2.45
22 x 35
1500
SLPX152M100C3P3
0.177
2.47
25 x 30
1800
SLPX182M100A7P3
0.147
2.77
22 x 40
1800
SLPX182M100C5P3
0.147
2.81
25 x 35
1800
SLPX182M100E1P3
0.147
2.65
30 x 25
2200
SLPX222M100A4P3
0.121
3.15
22 x 45
2200
SLPX222M100C7P3
0.121
3.21
25 x 40
2200
SLPX222M100E3P3
0.121
3.17
30 x 30
2700
SLPX272M100C4P3
0.098
3.66
25 x 45
2700
SLPX272M100E5P3
0.098
3.65
30 x 35
2700
SLPX272M100H3P3
0.098
3.77
35 x 30
3300
SLPX332M100C9P3
0.080
4.15
25 x 50
3300
SLPX332M100E7P3
0.080
4.18
30 x 40
3300
SLPX332M100H5P3
0.080
4.07
35 x 35
3900
SLPX392M100E4P3
0.068
4.67
30 x 45
3900
SLPX392M100H5P3
0.068
4.61
35 x 35
4700
SLPX472M100H7P3
0.056
5.23
35 x 40
4700
SLPX472M100E9P3
0.056
5.26
30 x 50
4700
SLPX472M100H7P3
0.056
5.23
35 x 40
5600
SLPX562M100H4P3
0.047
5.88
35 x 45
6800
SLPX682M100H9P3
0.039
6.01
35 x 50
160 Vdc (200 Vdc Surge)
390
SLPX391M160A1P3
0.510
1.63
22 x 25
470
SLPX471M160A3P3
0.423
1.86
22 x 30
470
SLPX471M160C1P3
0.423
1.86
25 x 25
560
SLPX561M160A3P3
0.355
2.15
22 x 30
560
SLPX561M160C3P3
0.355
2.15
25 x 30
680
SLPX681M160A7P3
0.293
2.35
22 x 40
680
SLPX681M160C3P3
0.293
2.33
25 x 30
680
SLPX681M160E1P3
0.293
2.33
30 x 25
820
SLPX821M160A4P3
0.243
2.68
22 x 45
820
SLPX821M160C5P3
0.243
2.65
25 x 35
820
SLPX821M160E3P3
0.243
2.64
30 x 30
1000
SLPX102M160A9P3
0.199
3.02
22 x 50
1000
SLPX102M160C7P3
0.199
3.00
25 x 40
1000
SLPX102M160E3P3
0.199
2.96
30 x 30
1200
SLPX122M160C4P3
0.166
3.43
25 x 45
1200
SLPX122M160E5P3
0.166
3.41
30 x 35
1200
SLPX122M160H3P3
0.166
3.40
35 x 30
1500
SLPX152M160E7P3
0.133
3.96
30 x 40
6


Similar Part No. - SLPX103M035A9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M035A9P3 CDE-SLPX103M035A9P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX103M035A9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com