Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAAC106M050 Datasheet(PDF) 1 Page - AVX Corporation

Part # TAAC106M050
Description  Hermetic Axial Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAAC106M050 Datasheet(HTML) 1 Page - AVX Corporation

  TAAC106M050 Datasheet HTML 1Page - AVX Corporation TAAC106M050 Datasheet HTML 2Page - AVX Corporation TAAC106M050 Datasheet HTML 3Page - AVX Corporation TAAC106M050 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
103
Hermetic Axial Capacitors
TAA Series
L1
L2
Polarity Mark
d
D
+
Case
L1
L2
D
Lead Length
d
Weight
Size
max.
max.
max.
min.
nom. max. g
A
7.20 (0.280) 10.7 (0.420)
3.60 (0.140)
28.0 (1.100)
0.50
0.7
B
12.0 (0.470) 15.5 (0.610)
4.90 (0.190)
28.0 (1.100)
0.50
1.3
C
17.3 (0.680) 20.9 (0.820)
7.50 (0.290)
23.0 (0.900)
0.60
4.7
D
19.9 (0.780) 23.4 (0.920)
9.00 (0.350)
22.0 (0.800)
0.60
7.4
TAA
Type
A
Case Size
105
Capacitance Code
pF code:
1st two digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
M
Capacitance
Tolerance
K = ±10%
M = ±20%
035
Rated DC Voltage
G
TAA Packaging
Suffixes
(see page 106)
Note: The tabulated dimensions are for non-insulated capacitors. Insulated capacitors are standard,
dimension L1 will increase by 0.8mm maximum, and dimension D by 0.2mm maximum.
SOLID TANTALUM HERMETICALLY
SEALED AXIAL LEADED CAPACITORS
TAA: Fully hermetically sealed, of rugged construction and
high reliability for use in military and professional equip-
ment.
1. Extremely low leakage current.
2. Excellent capacitance to size ratio.
3. Available taped and reeled for automatic insertion.
4. Marked with AVX logo, capacitor type, capacitance,
capacitance tolerance, rated voltage, polarity indication
and date of manufacture.
5. Conforming to the limits of MIL-C-39003 style CSR, CTS
13 and CTS 32.
*Not recommended for new designs
CASE DIMENSIONS: millimeters (inches)
HOW TO ORDER


Similar Part No. - TAAC106M050

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0509 TRUMPOWER-TAA-1S0509 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0512 TRUMPOWER-TAA-1S0512 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0515 TRUMPOWER-TAA-1S0515 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0524 TRUMPOWER-TAA-1S0524 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
More results

Similar Description - TAAC106M050

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
logo
New Jersey Semi-Conduct...
1N6512 NJSEMI-1N6512 Datasheet
236Kb / 1P
   70NS RECOVERY, AXIAL LEADED, HERMETIC
logo
Sensitron
SS5807 SENSITRON-SS5807 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER
1N5807 SENSITRON-1N5807_10 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com