Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9544ABS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9544ABS
Description  4-channel I2C-bus multiplexer with interrupt logic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544ABS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9544ABS Datasheet HTML 3Page - NXP Semiconductors PCA9544ABS Datasheet HTML 4Page - NXP Semiconductors PCA9544ABS Datasheet HTML 5Page - NXP Semiconductors PCA9544ABS Datasheet HTML 6Page - NXP Semiconductors PCA9544ABS Datasheet HTML 7Page - NXP Semiconductors PCA9544ABS Datasheet HTML 8Page - NXP Semiconductors PCA9544ABS Datasheet HTML 9Page - NXP Semiconductors PCA9544ABS Datasheet HTML 10Page - NXP Semiconductors PCA9544ABS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PCA9544A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 June 2009
7 of 26
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
6.3 Interrupt handling
The PCA9544A provides 4 interrupt inputs, one for each channel and one open-drain
interrupt output. When an interrupt is generated by any device, it will be detected by the
PCA9544A and the interrupt output will be driven LOW. The channel need not be active
for detection of the interrupt. A bit is also set in the control byte. Bits 7:4 of the control byte
correspond to channel 3 to channel 0 of the PCA9544A, respectively. Therefore, if an
interrupt is generated by any device connected to channel 2, the state of the interrupt
inputs is loaded into the control register when a read is accomplished. Likewise, an
interrupt on any device connected to channel 0 would cause bit 4 of the control register to
be set on the read. The master can then address the PCA9544A and read the contents of
the control byte to determine which channel contains the device generating the interrupt.
The master can then reconfigure the PCA9544A to select this channel, and locate the
device generating the interrupt and clear it. The interrupt clears when the device
originating the interrupt clears.
It should be noted that more than one device can be providing an interrupt on a channel,
so it is up to the master to ensure that all devices on a channel are interrogated for an
interrupt.
The interrupt inputs may be used as general purpose inputs if the interrupt function is not
required.
If unused, interrupt input(s) must be connected to VDD through a pull-up resistor.
Remark: Several interrupts can be active at the same time. For example: INT3 = 0,
INT2 = 1, INT1 = 1, INT0 = 0, means that there is no interrupt on channel 0 and
channel 3, and there is an interrupt on channel 1 and on channel 2.
Table 4.
Control register: Write—channel selection; Read—channel status
INT3
INT2
INT1
INT0
D3
B2
B1
B0
Command
XXXXX0
Xx
no channel selected
XXXXX
1
0
0
channel 0 enabled
XXXXX
1
0
1
channel 1 enabled
XXXXX
1
1
0
channel 2 enabled
XXX0
X
1
1
1
channel 3 enabled
00000000no channel selected;
power-up default state
Table 5.
Control register read — interrupt
INT3
INT2
INT1
INT0
D3
B2
B1
B0
Command
XXX
0
XXXX
no interrupt on channel 0
1
interrupt on channel 0
XX
0
XXXXX
no interrupt on channel 1
1
interrupt on channel 1
X
0
XXXXXX
no interrupt on channel 2
1
interrupt on channel 2
0
XXXXXXX
no interrupt on channel 3
1
interrupt on channel 3


Similar Part No. - PCA9544ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9544ABS PHILIPS-PCA9544ABS Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544ABS NXP-PCA9544ABS Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS NXP-PCA9544ABS Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results

Similar Description - PCA9544ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
   4-channel I2C multiplexer and interrupt controller
1999 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com