Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTCR37-900M-P10 Datasheet(PDF) 2 Page - Tyco Electronics

Part # GTCR37-900M-P10
Description  Gas Discharge Tube Three Electrode 7.5mm Diameter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCR37-900M-P10 Datasheet(HTML) 2 Page - Tyco Electronics

  GTCR37-900M-P10 Datasheet HTML 1Page - Tyco Electronics GTCR37-900M-P10 Datasheet HTML 2Page - Tyco Electronics GTCR37-900M-P10 Datasheet HTML 3Page - Tyco Electronics GTCR37-900M-P10 Datasheet HTML 4Page - Tyco Electronics GTCR37-900M-P10 Datasheet HTML 5Page - Tyco Electronics GTCR37-900M-P10 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Gas Discharge Tube
Three Electrode 7.5mm Diameter
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: GTCx37
DOCUMENT: SCD 25821
REV LETTER: D
REV DATE: MAY 25, 2007
PAGE NO.: 2 OF 6
PART NUMBERING
EXAMPLE:
DEVICE MARKING
EXAMPLE : GTCR37-231M-P10
GT C R 3 7 - 231 M -P 10 -FS
Series
Packaging
GT : Gas Tube
No Suffix: standard Tray packaging
-B: Bulk packaging (only upon special request)
Material
C : Ceramic
with Fail-Short mechanism
Type
Surge Rating
R : Radial Leads
10 : 10kA (10 times 8 x 20μs)
T : T Leads
Product Family
Number of Electrodes
3 : Three
Voltage Tolerance
M : ± 20%
Diameter
N : ± 25%
7 : 7.5mm
Voltage Designator
900 : 90 x 10^0 = 90V
151 : 15 x 10^1 = 150V
201 : 20 x 10^1 = 200V
231 : 23 x 10^1 = 230V
Etc..
23 P 10 GN
Week of Manufacture
Per Raychem Circuit Protection
lot number system :
E.g. G = First half of 2004; N = week 14
Surge Rating:
10 : 10kA
Product Family
Voltage Designator
23 : 230 V
Raychem Symbol


Similar Part No. - GTCR37-900M-P10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCR36-351M-R10-FT MACOM-GTCR36-351M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
More results

Similar Description - GTCR37-900M-P10

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90M SOCAY-UN2E8-90M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90ML SOCAY-UN2E8-90ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150ML SOCAY-UN2E8-150ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250ML SOCAY-UN2E8-250ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-470M SOCAY-UN2E8-470M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470MSMD SOCAY-UN2E8-470MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600M SOCAY-UN2E8-600M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com