Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9539 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9539
Description  16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9539 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9539 Datasheet HTML 1Page - NXP Semiconductors PCA9539 Datasheet HTML 2Page - NXP Semiconductors PCA9539 Datasheet HTML 3Page - NXP Semiconductors PCA9539 Datasheet HTML 4Page - NXP Semiconductors PCA9539 Datasheet HTML 5Page - NXP Semiconductors PCA9539 Datasheet HTML 6Page - NXP Semiconductors PCA9539 Datasheet HTML 7Page - NXP Semiconductors PCA9539 Datasheet HTML 8Page - NXP Semiconductors PCA9539 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1.
General description
The PCA9539; PCA9539R is a 24-pin CMOS device that provides 16 bits of General
Purpose parallel Input/Output (GPIO) expansion with interrupt and reset for
I2C-bus/SMBus applications and was developed to enhance the NXP Semiconductors
family of I2C-bus I/O expanders. I/O expanders provide a simple solution when additional
I/O is needed for ACPI power switches, sensors, push buttons, LEDs, fans, etc.
The PCA9539; PCA9539R consists of two 8-bit configuration (input or output selection),
input, output and polarity inversion (active HIGH or active LOW operation) registers. The
system master can enable the I/Os as either inputs or outputs by writing to the I/O
configuration bits. The data for each input or output is kept in the corresponding Input or
Output register. The polarity of the read register can be inverted with the Polarity inversion
register. All registers can be read by the system master.
The PCA9539; PCA9539R is identical to the PCA9555 except for the removal of the
internal I/O pull-up resistor which greatly reduces power consumption when the I/Os are
held LOW, replacement of A2 with RESET and a different address range.
The PCA9539; PCA9539R open-drain interrupt output is activated when any input state
differs from its corresponding input port register state and is used to indicate to the system
master that an input state has changed.
The power-on reset sets the registers to their default values and initializes the device state
machine. In the PCA9539, the RESET pin causes the same reset/default I/O input
configuration to occur without de-powering the device, holding the registers and I2C-bus
state machine in their default state until the RESET input is once again HIGH. This input
requires a pull-up to VDD. In the PCA9539R however, only the device state machine is
initialized by the RESET pin and the internal general-purpose registers remain
unchanged. Using the PCA9539R RESET pin will only reset the I2C-bus interface should
it be stuck LOW to regain access to the I2C-bus. This allows the I/O pins to retain their last
configured state so that they can keep any lines in their previously defined state and not
cause system errors while the I2C-bus is being restored.
Two hardware pins (A0, A1) vary the fixed I2C-bus address and allow up to four devices to
share the same I2C-bus/SMBus.
2.
Features
I 16-bit I2C-bus GPIO with interrupt and reset
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5 V tolerant I/Os
I Polarity inversion register
PCA9539; PCA9539R
16-bit I2C-bus and SMBus low power I/O port with interrupt
and reset
Rev. 05 — 28 July 2008
Product data sheet


Similar Part No. - PCA9539

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9539 PHILIPS-PCA9539 Datasheet
168Kb / 21P
   16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
logo
Texas Instruments
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9539 NXP-PCA9539 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9539 TI1-PCA9539 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
NXP Semiconductors
PCA9539A NXP-PCA9539A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9539

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9539 PHILIPS-PCA9539 Datasheet
168Kb / 21P
   16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
   Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9535 NXP-PCA9535_08 Datasheet
182Kb / 31P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com