Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9519BS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9519BS
Description  4-channel level translating I2C-bus/SMBus repeater
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9519BS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9519BS Datasheet HTML 4Page - NXP Semiconductors PCA9519BS Datasheet HTML 5Page - NXP Semiconductors PCA9519BS Datasheet HTML 6Page - NXP Semiconductors PCA9519BS Datasheet HTML 7Page - NXP Semiconductors PCA9519BS Datasheet HTML 8Page - NXP Semiconductors PCA9519BS Datasheet HTML 9Page - NXP Semiconductors PCA9519BS Datasheet HTML 10Page - NXP Semiconductors PCA9519BS Datasheet HTML 11Page - NXP Semiconductors PCA9519BS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PCA9519_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2007
8 of 18
NXP Semiconductors
PCA9519
4-channel level translating I2C-bus/SMBus repeater
[1]
Typical values with VCC(A) = 1.1 V, VCC(B) = 5.0 V.
[2]
VIL specification is for the falling edge seen by the port A input. VILc is for the static LOW levels seen by the port A input resulting in
port B output staying LOW.
[3]
The port A current source has a typical value of about 1 mA, but varies with both VCC(A) and VCC(B). Below VCC(A) of about 0.7 V the
port A current source current drops to 0 mA. The current source current dropping across the internal pull-down driver resistance of
about 200
Ω defines the V
OL.
[4]
As long as the chip ground is common with the input ground reference the driver resistance may be as large as 120
Ω. However, ground
offset will rapidly decrease the maximum allowed driver resistance.
[5]
Guaranteed by design.
Input and output of port B (B1 to B8)
VIH
HIGH-level input voltage
0.7VCC(B)
-VCC(B)
V
VIL
LOW-level input voltage
−0.5
-
+0.3VCC(B)
V
VIK
input clamping voltage
IL = −18 mA
−1.5
-
−0.5
V
ILI
input leakage current
VI = 3.6 V
−1.0
-
+1.0
µA
IIL
LOW-level input current
VI = 0.2 V
-
-
10
µA
VOL
LOW-level output voltage
IOL = 6 mA
-
0.1
0.2
V
ILOH
HIGH-level output leakage current
VO = 3.6 V
-
-
10
µA
Cio
input/output capacitance
-
6
7
pF
Enable
VIL
LOW-level input voltage
−0.5
-
+0.1VCC(A)
V
VIH
HIGH-level input voltage
0.9VCC(A)
-VCC(B)
V
IIL(EN)
LOW-level input current on pin EN
VI = 0.2 V, EN;
VCC = 3.6 V
−1-
+1
µA
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
VI = 3.0 V or 0 V
-
2
3
pF
Table 4.
Static characteristics …continued
GND = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit


Similar Part No. - PCA9519BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9519BS PHILIPS-PCA9519BS Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
More results

Similar Description - PCA9519BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
logo
Pericom Semiconductor C...
PI6ULS5V9627A PERICOM-PI6ULS5V9627A Datasheet
465Kb / 10P
   4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com