Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF53016CMJ240 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCF53016CMJ240
Description  Version 3 ColdFire짰 core with EMAC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF53016CMJ240 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF53016CMJ240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF53016CMJ240 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
MCF5301x Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Hardware Design Considerations
Freescale Semiconductor
8
3.4
Power Consumption Specifications
Estimated maximum RUN mode power consumption measurements are shown in the below figure.
Figure 4. Estimated Maximum RUN Mode Power Consumption
Table 3 lists estimated maximum power and current consumption for the device in various operating modes.
Table 3. Estimated Maximum Power Consumption Specifications
Characteristic
Symbol
Typical
Max
Unit
Run Mode — Total Power Dissipation
Static
Dynamic
TBD
TBD
TBD
mW
mW
mW
Core Operating Supply Current 1
Run Mode
1
Current measured at maximum system clock frequency, all modules active, and default drive
strength with matching load.
IDD
—82.9
mA
Pad Operating Supply Current
Run Mode (application dependent)
Wait Mode
Stop Mode
EIDD
TBD
TBD
TBD
mA
mA
mA
Estimated Power Consumption vs. Core Frequency
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Core Frequency (MHz)


Similar Part No. - MCF53016CMJ240

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF53016CMJ240J FREESCALE-MCF53016CMJ240J Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
More results

Similar Description - MCF53016CMJ240

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF53017 FREESCALE-MCF53017 Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
MCF51QE128 FREESCALE-MCF51QE128_08 Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF52235 FREESCALE-MCF52235_06 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com