Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF53017CMJ240J Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF53017CMJ240J
Description  Version 3 ColdFire짰 core with EMAC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF53017CMJ240J Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF53017CMJ240J Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF53017CMJ240J Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Pin Assignments and Reset States
MCF5301x Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
4
Pin Assignments and Reset States
4.1
Signal Multiplexing
The following table lists all the MCF5301x pins grouped by function. The “Dir” column is the direction for the primary function
of the pin only. Refer to Section 4.2, “Pinout—208 LQFP,” and Section 4.3, “Pinout–256 MAPBGA,” for package diagrams.
For a more detailed discussion of the MCF3xxx signals, consult the MCF5301x Reference Manual (MCF53017RM).
NOTE
In this table and throughout this document a single signal within a group is designated
without square brackets (i.e., FB_A23), while designations for multiple signals within a
group use brackets (i.e., FB_A[23:21]) and is meant to include all signals within the two
bracketed numbers when these numbers are separated by a colon.
NOTE
The primary functionality of a pin is not necessarily its default functionality. Most pins that
are muxed with GPIO will default to their GPIO functionality. See Table 5 for a list of the
exceptions.
Table 4. Current Measurementas at Different VCO vs. Core Frequencies
Stop Mode
480VCO, 240MHz
core
240VCO, 120MHz
core
480VCO, 120MHz
core
480VCO, 48MHz
core
Limp Mode, 20HMHz
crystal
Executing
55.3mA
28.36mA
30.00mA
13.6mA
5.90mA
Run
39.5mA
20.3mA
22.02mA
10.29mA
4.42mA
Wait
16.28mA
8.53mA
10.23mA
5.53mA
2.43mA
Doze
16.19mA
8.53mA
10.18mA
5.55mA
2.41mA
Stop(0)
8.41mA
4.60mA
6.29mA
3.90mA
1.78mA
Stop(1)
8.13mA
4.48mA
6.15mA
3.88mA
1.77mA
Stop(2)
1.83mA
1.86mA
1.87mA
1.82mA
1.76mA
Stop(3)
0.65mA
0.66mA
0.67mA
0.67mA
0.65mA
Table 5. Special-Case Default Signal Functionality
Pin
Default Signal
FB_BE/BWE[3:0]
FB_BE/BWE[3:0]
FB_CS[3:0]
FB_CS[3:0]
FB_OE
FB_OE
FB_TA
FB_TA
FB_R/W
FB_R/W
FB_TS
FB_TS


Similar Part No. - MCF53017CMJ240J

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF53017CMJ240J FREESCALE-MCF53017CMJ240J Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
More results

Similar Description - MCF53017CMJ240J

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF53017 FREESCALE-MCF53017 Datasheet
2Mb / 62P
   Version 3 ColdFire짰 core with EMAC
MCF51QE128 FREESCALE-MCF51QE128_08 Datasheet
799Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF52235 FREESCALE-MCF52235_06 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com