Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9517 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9517
Description  Level translating I2C-bus repeater
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9517 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors PCA9517 Datasheet HTML 10Page - NXP Semiconductors PCA9517 Datasheet HTML 11Page - NXP Semiconductors PCA9517 Datasheet HTML 12Page - NXP Semiconductors PCA9517 Datasheet HTML 13Page - NXP Semiconductors PCA9517 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PCA9517_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 30 January 2007
10 of 19
NXP Semiconductors
PCA9517
Level translating I2C-bus repeater
[1]
LOW-level supply voltage.
[2]
VIL specification is for the first LOW level seen by the SDAB/SCLB lines. VILc is for the second and subsequent LOW levels seen by the
SDAB/SCLB lines.
[3]
VIL for A-side with envelope noise must be below 0.3VCCA for stable performance.
10. Dynamic characteristics
[1]
Times are specified with loads of 1.35 k
Ω pull-up resistance and 57 pF load capacitance on the B-side, and 167 Ω pull-up resistance
and 57 pF load capacitance on the A-side. Different load resistance and capacitance will alter the RC time constant, thereby changing
the propagation delay and transition times.
[2]
Pull-up voltages are VCCA on the A-side and VCCB on the B-side.
[3]
Typical values were measured with VCCA = 3.3 V at Tamb =25 °C, unless otherwise noted.
[4]
The tPLH delay data from B-side to A-side is measured at 0.5 V on the B-side to 0.5VCCA on the A-side when VCCA is less than 2 V, and
1.5 V on the A-side if VCCA is greater than 2 V.
[5]
Typical value measured with VCCA = 2.7 V at Tamb =25 °C.
[6]
The proportional delay data from A-side to B-side is measured at 0.3VCCA on the A-side to 1.5 V on the B-side.
[7]
The enable pin, EN, should only change state when the global bus and the repeater port are in an idle state.
Enable
VIL
LOW-level input voltage
−0.5
-
+0.3VCCB
V
VIH
HIGH-level input voltage
0.7VCCB
-
5.5
V
IIL(EN)
LOW-level input current on pin EN
VI = 0.2 V, EN; VCC = 3.6 V
-
−10
−30
µA
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
VI = 3.0 V or 0 V
-
6
7
pF
Table 4.
Static characteristics …continued
VCC =2.7 V to 5.5 V; GND=0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 5.
Dynamic characteristics
VCC =2.7 V to 5.5 V; GND=0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.[1][2]
Symbol
Parameter
Conditions
Min
Typ[3]
Max
Unit
tPLH
LOW-to-HIGH propagation delay
B-side to A-side; Figure 12
[4] 100
170
250
ns
tPHL
HIGH-to-LOW propagation delay
B-side to A-side; Figure 10
VCCA ≤ 2.7 V
[5] 30
80
110
ns
VCCA ≥ 3 V
10
66
300
ns
tt(LH)
LOW-to-HIGH transition time
A-side; Figure 10
10
20
30
ns
tt(HL)
HIGH-to-LOW transition time
A-side; Figure 10
VCCA ≤ 2.7 V
[5] 1
77
105
ns
VCCA ≥ 3 V
20
70
175
ns
tPLH
LOW-to-HIGH propagation delay
A-side to B-side; Figure 11
[6] 25
53
110
ns
tPHL
HIGH-to-LOW propagation delay
A-side to B-side; Figure 11
[6] 60
79
230
ns
tt(LH)
LOW-to-HIGH transition time
B-side; Figure 11
120
140
170
ns
tt(HL)
HIGH-to-LOW transition time
B-side; Figure 11
30
48
90
ns
tsu
set-up time
EN HIGH before START condition
[7] 100
-
-
ns
th
hold time
EN HIGH after STOP condition
[7] 100
-
-
ns


Similar Part No. - PCA9517

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
PCA9517 TI1-PCA9517 Datasheet
1Mb / 28P
[Old version datasheet]   PCA9517 Level-Translating
More results

Similar Description - PCA9517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com