Electronic Components Datasheet Search |
|
MCIMX351AVM5B Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
MCIMX351AVM5B Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 148 page i.MX35 Applications Processors for Automotive Products, Rev. 8 10 Freescale Semiconductor I2C(3) I2C module ARM ARM1136 platform peripherals Inter-integrated circuit (I2C) is an industry-standard, bidirectional serial bus that provides a simple, efficient method of data exchange, minimizing the interconnection between devices. I2C is suitable for applications requiring occasional communications over a short distance among many devices. The interface operates at up to 100 kbps with maximum bus loading and timing. The I2C system is a true multiple-master bus, with arbitration and collision detection that prevent data corruption if multiple devices attempt to control the bus simultaneously. This feature supports complex applications with multiprocessor control and can be used for rapid testing and alignment of end products through external connections to an assembly-line computer. IIM IC identification module ARM Security modules The IIM provides the primary user-visible mechanism for interfacing with on-chip fuse elements. Among the uses for the fuses are unique chip identifiers, mask revision numbers, cryptographic keys, and various control signals requiring a fixed value. IOMUX External signals and pin multiplexing ARM Pins Each I/O multiplexer provides a flexible, scalable multiplexing solution with the following features: • Up to eight output sources multiplexed per pin • Up to four destinations for each input pin • Unselected input paths held at constant levels for reduced power consumption IPUv1 Image processing unit ARM Multimedia peripherals The IPU supports video and graphics processing functions. It also provides the interface for image sensors and displays. The IPU performs the following main functions: • Preprocessing of data from the sensor or from the external system memory • Postprocessing of data from the external system memory • Post-filtering of data from the system memory with support of the MPEG-4 (both deblocking and deringing) and H.264 post-filtering algorithms • Displaying video and graphics on a synchronous (dumb or memory-less) display • Displaying video and graphics on an asynchronous (smart) display • Transferring data between IPU sub-modules and to/from the system memory with flexible pixel reformatting KPP Keypin port ARM Connectivity peripherals Can be used for either keypin matrix scanning or general purpose I/O. MLB Media local bus ARM Connectivity peripherals The MLB is designed to interface to an automotive MOST ring. OSCAUD OSC audio reference oscillator Analog Clock The OSCAUDIO oscillator provides a stable frequency reference for the PLLs. This oscillator is designed to work in conjunction with an external 24.576-MHz crystal. Table 4. Digital and Analog Modules (continued) Block Mnemonic Block Name Domain1 Subsystem Brief Description |
Similar Part No. - MCIMX351AVM5B |
|
Similar Description - MCIMX351AVM5B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |