Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2106150-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2106150-1
Description  G13 Style SMT Assembly and End Cap Cover
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2106150-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2106150-1 Datasheet HTML 1Page - Tyco Electronics 2106150-1 Datasheet HTML 2Page - Tyco Electronics 2106150-1 Datasheet HTML 3Page - Tyco Electronics 2106150-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
G13 Style SMT
Assembly and
End Cap Cover
KEY FEATURES
2 Position G13 Style SMT
Assembly
The End Cap Cover is
designed to interface with
G13 Style SMT assembly,
heat sink and tube. (Custom
configurations are available
upon special request.)
End Cap Cover packaged
unassembled
0.5 inch pin centerline per G13
specification
The surface mount hold down
provides stability during tube
insertion and extraction
High temperature material
for reflow processing
The G13 Style SMT Assembly
is compatible with FR4 and
aluminum clad boards
The G13 Style SMT Assembly
is tape and reel packaged for
high speed SMT processing
RoHS compliant
Descriptions
The G13 Style SMT Assembly and End Cap Cover are designed for use on
printed circuit board LED strip lighting modules in T8 and T12 fluorescent
retrofit LED tubes.
AppLicAtions
Standard T8 and T12 fluorescent fixtures
eLectricAL
Operating Current : 2 AMPS
Operating Voltage : 250VAC/250VDC
Dielectric Withstanding Voltage : 1500VAC
MecHAnicAL
Operating Temperature : -40°C to 120°C
Mating Cycles : 10
MAteriALs
G13 Style SMT Assembly : UL 94 V0 rated high temperature resistant
thermoplastic
End cap cover : UL 94 V0 Thermoplastic
Contacts : Tin plated brass
SMT hold down : Tin plated brass
stAnDArDs AnD specs
114-13255 : G13 Style SMT Assembly & End Cap Application Specification
108-2393 : G13 Style SMT Assembly & End Cap Product Specification
ETL Recognized, File No. 3177705CRT-001 to UL 8750 and UL 1993 Standards
proDUct oFFerinG
2106646-1 : End Cap Cover (T8 sized tube applications)
2106150-1 : G13 Style SMT Assembly
Tyco Electronics I G13 Style SMT Assembly
and End Cap Cover


Similar Part No. - 2106150-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2106150-1 TEC-2106150-1 Datasheet
115Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2106150-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1022231 PHOENIX-1022231 Datasheet
147Kb / 2P
   Wiring bridge end cover - TMC 7 B1 END CAP
01/13/2022
logo
Harwin Plc
C90-25043-10SL HARWIN-C90-25043-10SL Datasheet
55Kb / 1P
   END CAP AND CHAIN
C90-25042-10SL HARWIN-C90-25042-10SL Datasheet
54Kb / 1P
   END CAP AND CHAIN
logo
Festo Corporation.
13966 FESTO-13966 Datasheet
60Kb / 1P
   Cover cap
7/21/22
13965 FESTO-13965 Datasheet
50Kb / 1P
   Cover cap
7/21/22
logo
Molex Electronics Ltd.
130112-0039 MOLEX11-130112-0039 Datasheet
31Kb / 1P
   End Cap Replacement Part Assembly for 1080H
1301120039 MOLEX11-1301120039 Datasheet
43Kb / 1P
   End Cap Replacement Part Assembly for 1080H
logo
WECO ELECTRICAL CONNECT...
3070-B1 WECO-3070-B1 Datasheet
206Kb / 1P
   Cover cap Accessories
02.19
logo
Tyco Electronics
016897-000 MACOM-016897-000 Datasheet
88Kb / 1P
   CAP, ROUND END
logo
TE Connectivity Ltd
C-880811 TEC-C-880811 Datasheet
162Kb / 1P
   COVER CAP 3 POSN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com