Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8S208C6T6BTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8S208C6T6BTR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I짼C, CAN
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208C6T6BTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8S208C6T6BTR Datasheet HTML 7Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 8Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 9Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 10Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 11Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 12Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 13Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 14Page - STMicroelectronics STM8S208C6T6BTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
STM8S207xx, STM8S208xx
Description
Doc ID 14733 Rev 9
11/103
Table 2.
STM8S20xxx performance line features
Device
STM8S207MB
STM8S207M8
STM8S207RB
STM8S207R8
STM8S207R6
STM8S207CB
STM8S207C8
STM8S207C6
STM8S207SB
STM8S207S8
STM8S207S6
STM8S207K6
80
80
64
64
64
48
48
48
44
44
44
32
68
68
52
52
52
38
38
38
34
34
34
25
37
37
36
36
36
35
35
35
31
31
31
23
9
9
9
9
9
9
9
9
8
8
8
8
3
3
3
3
3
3
3
3
3
3
3
3
16
16
16
16
16
10
10
10
9
9
9
7
18
18
16
16
16
16
16
16
15
15
15
12
128 K
64 K
128 K
64 K
32 K
128 K
64 K
32 K
128 K
64 K
32 K
32 K
2048
2048
2048
1536
1024
2048
1536
1024
1536
1536
1024
1024
6 K
6 K
6 K
4 K
2 K
6 K
4 K
2 K
4 K
4 K
2 K
2 K
No
STM8S208MB
STM8S208RB
STM8S208R8
STM8S208R6
STM8S208CB
STM8S208C8
STM8S208C6
STM8S208SB
STM8S208S8
STM8S208S6
80
64
64
64
48
48
48
44
44
44
68
52
52
52
38
38
38
34
34
34
37
37
37
37
35
35
35
31
31
31
9
9
9
9
9
9
9
8
8
8
3
3
3
3
3
3
3
3
3
3
16
16
16
16
10
10
10
9
9
9
18
16
16
16
16
16
16
15
15
15
128 K
128 K
64 K
32 K
128 K
64 K
32 K
128 K
64 K
32 K
2048
2048
2048
2048
2048
2048
2048
1536
1536
1536
6 K
6 K
6 K
6 K
6 K
6 K
6 K
4 K
4 K
4 K
Yes


Similar Part No. - STM8S208C6T6BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S208C6T6BTR STMICROELECTRONICS-STM8S208C6T6BTR Datasheet
1Mb / 103P
   Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
More results

Similar Description - STM8S208C6T6BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S007C8 STMICROELECTRONICS-STM8S007C8_V01 Datasheet
1Mb / 93P
   Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I짼C
October 2018
STM8S105XX STMICROELECTRONICS-STM8S105XX Datasheet
1Mb / 127P
   Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I짼C
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
February 2017
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 3
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
September 2010 Rev 6
STM8S103F3U6TR STMICROELECTRONICS-STM8S103F3U6TR Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 9
STM8S103F3M3 STMICROELECTRONICS-STM8S103F3M3 Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S003K3T6C STMICROELECTRONICS-STM8S003K3T6C Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com