Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9512A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9512A
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9512A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9512A Datasheet HTML 3Page - NXP Semiconductors PCA9512A Datasheet HTML 4Page - NXP Semiconductors PCA9512A Datasheet HTML 5Page - NXP Semiconductors PCA9512A Datasheet HTML 6Page - NXP Semiconductors PCA9512A Datasheet HTML 7Page - NXP Semiconductors PCA9512A Datasheet HTML 8Page - NXP Semiconductors PCA9512A Datasheet HTML 9Page - NXP Semiconductors PCA9512A Datasheet HTML 10Page - NXP Semiconductors PCA9512A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PCA9512A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 19 August 2009
7 of 23
NXP Semiconductors
PCA9512A
Level shifting hot swappable I2C-bus and SMBus bus buffer
rate is slow enough that the output catches up it will still lag the falling voltage of the input
by the offset voltage. The maximum tPHL occurs when the input is driven LOW with zero
delay and the output is still limited by its turn-on delay and the falling edge slew rate. The
output falling edge slew rate is a function of the internal maximum slew rate which is a
function of temperature, VCC or VCC2 and process, as well as the load current and the load
capacitance.
8.5 Rise time accelerators
During positive bus transactions, a 2 mA current source is switched on to quickly slew the
SDA and SCL lines HIGH once the input level of 0.6 V for the PCA9512A is exceeded.
The rising edge rate should be at least 1.25 V/
µs to guarantee turn on of the accelerators.
The built-in
∆V/∆t rise time accelerators on all SDA and SCL lines requires the bus pull-up
voltage and respective supply voltage (VCC or VCC2) to be the same. The built-in ∆V/∆t rise
time accelerators can be disabled through the ACC pin for lightly loaded systems.
8.6 ACC boost current enable
Users having lightly loaded systems may wish to disable the rise time accelerators.
Driving this pin to ground turns off the rise time accelerators on all four SDAn and SCLn
pins. Driving this pin to the VCC2 voltage enables normal operation of the rise time
accelerators.
8.7 Resistor pull-up value selection
The system pull-up resistors must be strong enough to provide a positive slew rate of
1.25 V/
µs on the SDAn and SCLn pins, in order to activate the boost pull-up currents
during rising edges. Choose maximum resistor value using the formula given in
Equation 1:
(1)
where RPU is the pull-up resistor value in Ω, VCC(min) is the minimum VCC voltage in volts,
and C is the equivalent bus capacitance in picofarads.
In addition, regardless of the bus capacitance, always choose RPU ≤ 65.7 kΩ for
VCC = 5.5 V maximum, RPU ≤ 45 kΩ for VCC = 3.6 V maximum. The start-up circuitry
requires logic HIGH voltages on SDAOUT and SCLOUT to connect the backplane to the
card, and these pull-up values are needed to overcome the precharge voltage. See the
curves in Figure 5 and Figure 6 for guidance in resistor pull-up selection.
R
PU
800
10
3 V CC min
()
0.6
C
-----------------------------------


×


Similar Part No. - PCA9512A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
logo
List of Unclassifed Man...
PCA9512AD ETC1-PCA9512AD Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512AD NXP-PCA9512AD Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512AD PHILIPS-PCA9512AD Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
More results

Similar Description - PCA9512A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com