Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9512A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9512A
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9512A Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9512A Datasheet HTML 1Page - NXP Semiconductors PCA9512A Datasheet HTML 2Page - NXP Semiconductors PCA9512A Datasheet HTML 3Page - NXP Semiconductors PCA9512A Datasheet HTML 4Page - NXP Semiconductors PCA9512A Datasheet HTML 5Page - NXP Semiconductors PCA9512A Datasheet HTML 6Page - NXP Semiconductors PCA9512A Datasheet HTML 7Page - NXP Semiconductors PCA9512A Datasheet HTML 8Page - NXP Semiconductors PCA9512A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PCA9512A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 19 August 2009
4 of 23
NXP Semiconductors
PCA9512A
Level shifting hot swappable I2C-bus and SMBus bus buffer
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
Refer to Figure 1 “Block diagram of PCA9512A”.
8.1 Start-up
When the PCA9512A is powered up, either VCC or VCC2 may rise first and either may be
more positive or they may be equal, however the PCA9512A will not leave the
undervoltage lock out or initialization state until both VCC and VCC2 have gone above
2.5 V. If either VCC or VCC2 drops below 2.0 V it will return to the undervoltage lock out
state. In the undervoltage lock out state the connection circuitry is disabled, the rise time
accelerators are disabled, and the precharge circuitry is also disabled. After both VCC and
VCC2 are valid, independent of which is higher, the PCA9512A enters the initialization
state; during this state the 1 V precharge circuitry is activated and pulls up the SDAn and
SCLn pins to 1 V through individual 100 k
Ω nominal resistors. At the end of the
initialization state the ‘Stop bit and bus idle’ detect circuit is enabled. When all the SDAn
and SCLn pins have been HIGH for the bus idle time or when all pins are HIGH and a
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
VCC2
VCC
SCLOUT
SDAOUT
SCLIN
SDAIN
GND
ACC
002aab789
1
2
3
4
6
5
8
7
PCA9512AD
PCA9512ADP
VCC2
VCC
SCLOUT
SDAOUT
SCLIN
SDAIN
GND
ACC
002aab790
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
VCC2
1
Supply voltage for devices on the card I2C-bus. Connect pull-up resistors
from SDAOUT and SCLOUT to this pin.
SCLOUT
2
serial clock output to and from the SCL bus on the card
SCLIN
3
serial clock input to and from the SCL bus on the backplane
GND
4
ground supply; connect this pin to a ground plane for best results.
ACC
5
CMOS threshold digital input pin that enables and disables the rise time
accelerators on all four SDAn and SCLn pins. ACC enables all accelerators
when set to VCC2, and turns them off when set to GND.
SDAIN
6
serial data input to and from the SDA bus on the backplane
SDAOUT
7
serial data output to and from the SDA bus on the card
VCC
8
supply voltage; from the backplane, connect pull-up resistors from SDAIN
and SCLIN to this pin.


Similar Part No. - PCA9512A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
logo
List of Unclassifed Man...
PCA9512AD ETC1-PCA9512AD Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512AD NXP-PCA9512AD Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512AD PHILIPS-PCA9512AD Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
More results

Similar Description - PCA9512A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com