Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9510AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9510AD
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9510AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9510AD Datasheet HTML 3Page - NXP Semiconductors PCA9510AD Datasheet HTML 4Page - NXP Semiconductors PCA9510AD Datasheet HTML 5Page - NXP Semiconductors PCA9510AD Datasheet HTML 6Page - NXP Semiconductors PCA9510AD Datasheet HTML 7Page - NXP Semiconductors PCA9510AD Datasheet HTML 8Page - NXP Semiconductors PCA9510AD Datasheet HTML 9Page - NXP Semiconductors PCA9510AD Datasheet HTML 10Page - NXP Semiconductors PCA9510AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PCA9510A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 August 2009
7 of 24
NXP Semiconductors
PCA9510A
Hot swappable I2C-bus and SMBus bus buffer
8.4 Propagation delays
The delay for a rising edge is determined by the combined pull-up current from the bus
resistors and the rise time accelerator current source and the effective capacitance on the
lines. If the pull-up currents are the same, any difference in rise time is directly
proportional to the difference in capacitance between the two sides. The tPLH may be
negative if the output capacitance is less than the input capacitance and would be positive
if the output capacitance is larger than the input capacitance, when the currents are the
same.
The tPHL can never be negative because the output does not start to fall until the input is
below 0.7VCC, and the output turn on has a non-zero delay, and the output has a limited
maximum slew rate, and even if the input slew rate is slow enough that the output catches
up it will still lag the falling voltage of the input by the offset voltage. The maximum tPHL
occurs when the input is driven LOW with zero delay and the output is still limited by its
turn-on delay and the falling edge slew rate. The output falling edge slew rate is a function
of the internal maximum slew rate which is a function of temperature, VCC and process, as
well as the load current and the load capacitance.
8.5 READY digital output
This pin provides a digital flag which is LOW when either ENABLE is LOW or the start-up
sequence described earlier in this section has not been completed. READY goes HIGH
when ENABLE is HIGH and start-up is complete. The pin is driven by an open-drain
pull-down capable of sinking 3 mA while holding 0.4 V on the pin. Connect a resistor of
10 k
Ω to V
CC to provide the pull-up.
8.6 ENABLE low current disable
Grounding the ENABLE pin disconnects the backplane side from the card side, disables
the rise time accelerators, drives READY LOW, disables the bus precharge circuitry, and
puts the part in a low current state. When the pin voltage is driven all the way to VCC, the
part waits for data transactions on both the backplane and card sides to be complete
before reconnecting the two sides.
8.7 Resistor pull-up value selection
The system pull-up resistors must be strong enough to provide a positive slew rate of
1.25 V/
µs on the SDAn and SCLn pins, in order to activate the boost pull-up currents
during rising edges. Choose maximum resistor value using Equation 1:
(1)
where RPU is the pull-up resistor value in ohms, VCC(min) is the minimum VCC voltage in
volts, and C is the equivalent bus capacitance in picofarads.
In addition, regardless of the bus capacitance, always choose RPU ≤ 65.7 kΩ for
VCC = 5.5 V maximum, RPU ≤ 45 kΩ for VCC = 3.6 V maximum. The start-up circuitry
requires logic HIGH voltages on SDAOUT and SCLOUT to connect the backplane to the
card, and these pull-up values are needed to overcome the precharge voltage. See the
curves in Figure 5 and Figure 6 for guidance in resistor pull-up selection.
R
PU
800
10
3
×
V
CC min
()
0.6
C
-----------------------------------




Similar Part No. - PCA9510AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510AD PHILIPS-PCA9510AD Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510ADP PHILIPS-PCA9510ADP Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
More results

Similar Description - PCA9510AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com