Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9510A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9510A
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9510A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9510A Datasheet HTML 1Page - NXP Semiconductors PCA9510A Datasheet HTML 2Page - NXP Semiconductors PCA9510A Datasheet HTML 3Page - NXP Semiconductors PCA9510A Datasheet HTML 4Page - NXP Semiconductors PCA9510A Datasheet HTML 5Page - NXP Semiconductors PCA9510A Datasheet HTML 6Page - NXP Semiconductors PCA9510A Datasheet HTML 7Page - NXP Semiconductors PCA9510A Datasheet HTML 8Page - NXP Semiconductors PCA9510A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PCA9510A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 August 2009
5 of 24
NXP Semiconductors
PCA9510A
Hot swappable I2C-bus and SMBus bus buffer
8.
Functional description
Refer to Figure 1 “Block diagram of PCA9510A”.
8.1 Start-up
An undervoltage and initialization circuit holds the parts in a disconnected state which
presents high-impedance to all SDAn and SCLn pins during power-up. A LOW on the
ENABLE pin also forces the parts into the low current disconnected state when the ICC is
essentially zero. As the power supply is brought up and the ENABLE is HIGH or the part is
powered and the ENABLE is taken from LOW to HIGH, it enters an initialization state
where the internal references are stabilized and the precharge circuit is enabled. At the
end of the initialization state the ‘Stop Bit And Bus Idle’ detect circuit is enabled. With the
ENABLE pin HIGH long enough to complete the initialization state (ten) and remaining
HIGH when all the SDAn and SCLn pins have been HIGH for the bus idle time or when all
pins are HIGH and a STOP condition is seen on the SDAIN and SCLIN pins, SDAIN is
connected to SDAOUT and SCLIN is connected to SCLOUT. The 1 V precharge circuitry
is activated during the initialization and is deactivated when the connection is made. The
precharge circuitry pulls up the SDAIN and SCLIN input pins to 1 V through individual
100 k
Ω nominal resistors. This precharges the pins to 1 V to minimize the worst case
disturbances that result from inserting a card into the backplane where the backplane and
the card are at opposite logic levels.
8.2 Connect circuitry
Once the connection circuitry is activated, the behavior of SDAIN and SDAOUT as well as
SCLIN and SCLOUT become identical with each acting as a bidirectional buffer that
isolates the input capacitance from the output bus capacitance while communicating the
logic levels. A LOW forced on either SDAIN or SDAOUT will cause the other pin to be
driven to a LOW by the part. The same is also true for the SCLn pins. Noise between
0.7VCC and VCC is generally ignored because a falling edge is only recognized when it
falls below 0.7VCC with a slew rate of at least 1.25 V/µs. When a falling edge is seen on
one pin, the other pin in the pair turns on a pull-down driver that is referenced to a small
voltage above the falling pin. The driver will pull the pin down at a slew rate determined by
the driver and the load initially, because it does not start until the first falling pin is below
0.7VCC. The first falling pin may have a fast or slow slew rate, if it is faster than the
pull-down slew rate then the initial pull-down rate will continue. If the first falling pin has a
slow slew rate then the second pin will be pulled down at its initial slew rate only until it is
just above the first pin voltage then they will both continue down at the slew rate of the
first.
Once both sides are LOW they will remain LOW until all the external drivers have stopped
driving LOWs. If both sides are being driven LOW to the same value for instance, 10 mV
by external drivers, which is the case for clock stretching and is typically the case for
acknowledge, and one side external driver stops driving that pin will rise until the internal
driver pulls it down to the offset voltage. When the last external driver stops driving a
LOW, that pin will rise up and settle out just above the other pin as both rise together with
a slew rate determined by the internal slew rate control and the RC time constant. As long
as the slew rate is at least 1.25 V/
µs, when the pin voltage exceeds 0.6 V for the
PCA9510A, the pull-down driver is turned off.


Similar Part No. - PCA9510A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510A NXP-PCA9510A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9510AD PHILIPS-PCA9510AD Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510ADP PHILIPS-PCA9510ADP Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
More results

Similar Description - PCA9510A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com