Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M313T0003 Datasheet(PDF) 4 Page - CUI INC

Part # M313T0003
Description  M31 3 with AMT1 03 kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

M313T0003 Datasheet(HTML) 4 Page - CUI INC

  M313T0003 Datasheet HTML 1Page - CUI INC M313T0003 Datasheet HTML 2Page - CUI INC M313T0003 Datasheet HTML 3Page - CUI INC M313T0003 Datasheet HTML 4Page - CUI INC M313T0003 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
34.21 1.347
26.0 1.024
90°
Website: www.cui.com
NOTE 1: 4mm opening for 22AWG power leads to be covered with heat
SPECIFIED
A
SPECIFICATIONS:
±0.3mm UNLESS OTHERWISE
TOLERANCE:
shrink, power leads to be tied into 50mm diameter bundle.
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
M313T0003
M313 WITH AMT103 KIT
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
M313T0003
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
1:1
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
8/3/2009
ENCODER
AMT 103
see NOTE 1
AMT ADAPTER
DC MOTOR
GEAR
REDUCTION
68.4 2.693
4.175
106.05
0.169
4.3
1.197
30.4
32.0 1.260
1.126
28.60
R15.5 0.610
M3X5.5
(4 PLCS)
18.0 0.709
0.642
6.0
16.3
0.217
5.5
0.236
0.472
12.0
0.760
19.3
31.0 1.220


Similar Part No. - M313T0003

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M313TAN MTRONPTI-M313TAN Datasheet
303Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
M313TCN MTRONPTI-M313TCN Datasheet
303Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
More results

Similar Description - M313T0003

ManufacturerPart #DatasheetDescription
logo
CUI INC
M223X0002 CUI-M223X0002 Datasheet
260Kb / 5P
   M22 3 with AMT1 03 kit
M487X0003 CUI-M487X0003 Datasheet
256Kb / 5P
   M48 7 with AMT1 03 kit
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
   KIT 60145-3 ODF KIT
3257 ETC2-3257 Datasheet
110Kb / 2P
   Kano Computer Kit with Raspberry Pi 3
logo
TRACO Electronic AG
TMPS03 TRACOPOWER-TMPS03 Datasheet
1,010Kb / 5P
   AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
logo
List of Unclassifed Man...
FL850-03-80 ETC2-FL850-03-80 Datasheet
51Kb / 1P
   FL850-03-80
logo
Molex Electronics Ltd.
03-06-1041 MOLEX1-03-06-1041 Datasheet
46Kb / 2P
   03-06-1041
logo
MicroPower Direct, LLC
MPM-03S MPD-MPM-03S_14 Datasheet
326Kb / 2P
   MPM-03 Series
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-8938-001 AVAGO-HEDS-8938-001 Datasheet
505Kb / 9P
   2- or 3-Channel Incremental Encoder Kit with Codewheel
logo
Tripp Lite. All Rights ...
SRSKIRT3 TRIPPLITE-SRSKIRT3 Datasheet
471Kb / 2P
   SmartRack Enclosure Skirt Kit - use with 3 in. casters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com