Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6217C08ANR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6217C08ANR-G
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217C08ANR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6217C08ANR-G Datasheet HTML 4Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 5Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 6Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 7Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 8Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 9Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 10Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 11Page - Torex Semiconductor XC6217C08ANR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8/33
XC6217 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
Temperature Characteristics
VOUT
Ta・VOUT
VCE=VIN,IOUT=30mA
-40℃<Ta<85℃
-
±100
-
ppm/℃
1
VIN={VOUT(T)+1.0}VDC+0.5VP-PAC
0.85V≦VOUT(T)≦4.00V
VCE=VIN, IOUT=30mA, f=1kHz
Ripple Rejection Rate
PSRR
VIN=1.85VDC+0.5VP-PAC
VOUT(T)=0.80V
VCE=VIN, IOUT=30mA, f=1kHz
-
70
-
dB
3
Limit Current
ILIM
VCE=VIN
200
250
-
mA
1
Short Current
ISHORT
VCE=VIN
VOUT is short-circuited at the VSS level.
-
30
-
mA
1
PS Switching Current
IGOR
VCE=VIN, IOUT: heavy to light load
0.5
-
-
mA
4
HS Switching Current
IGO
VCE=VIN, IOUT: light to heavy load
-
-
8.0
mA
4
Switch Current
Hysteresis Range
IGOhys
IGOhys=IGO- IGOR
-
3.5
-
mA
4
PS Switching Delay Time (*7)
tDPS
VCE=VIN
E-5
μs
4
CE High Level Voltage
VCEH
1.2
-
6.0
V
4
CE Low Level Voltage
VCEL
-
-
0.3
V
4
CE High Level Current
ICEH
VCE=VIN
-0.1
-
0.1
μA
4
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μA
4
CL Auto-Discharge
Resistance (*8)
RDCHG
VIN=6.0V, VOUT=4.00V, VCE=VSS
-
780
-
Ω
1
NOTE:
* 1: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)+1.0V.
* 2: VOUT(E) = Effective output voltage (Refer to the voltage chart E-0 to E-3 chart)
(I.e. the output voltage when an amply stabilized "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain
IOUT value.)
* 3: VOUT (T) = Nominal output voltage
* 4: Vdif={VIN1(*6)-VOUT1(*5)}
* 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input in
the HS mode.
* 6: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
* 7: Time until HS mode is changed to PS mode by IGOR
* 8: For the XC6217D series only.
The XC6217C series discharges by resistors R1 and R2 only as shown in the
block diagrams.
■ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
●XC6217C/D series (Continued)


Similar Part No. - XC6217C08ANR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217C08ANR TOREX-XC6217C08ANR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com