Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS9110T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS9110T
Description  100 V, 1 A PNP low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS9110T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS9110T Datasheet HTML 4Page - NXP Semiconductors PBSS9110T Datasheet HTML 5Page - NXP Semiconductors PBSS9110T Datasheet HTML 6Page - NXP Semiconductors PBSS9110T Datasheet HTML 7Page - NXP Semiconductors PBSS9110T Datasheet HTML 8Page - NXP Semiconductors PBSS9110T Datasheet HTML 9Page - NXP Semiconductors PBSS9110T Datasheet HTML 10Page - NXP Semiconductors PBSS9110T Datasheet HTML 11Page - NXP Semiconductors PBSS9110T Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2004 May 13
10
NXP Semiconductors
Product data sheet
100 V, 1 A
PNP low VCEsat (BISS) transistor
PBSS9110T
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PBSS9110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110T PHILIPS-PBSS9110T Datasheet
107Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110T PHILIPS-PBSS9110T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS9110T NEXPERIA-PBSS9110T Datasheet
1Mb / 13P
   100 V, 1 A PNP low VCEsat transistor
1 January 2023
PBSS9110T-Q NEXPERIA-PBSS9110T-Q Datasheet
243Kb / 12P
   100 V, 1 A PNP low VCEsat transistor
19 May 2022
logo
NXP Semiconductors
PBSS9110T PHILIPS-PBSS9110T_15 Datasheet
187Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
More results

Similar Description - PBSS9110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110Y NXP-PBSS9110Y Datasheet
176Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110T PHILIPS-PBSS9110T Datasheet
107Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110X PHILIPS-PBSS9110X Datasheet
134Kb / 15P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-2 May 2005
PBSS9110T PHILIPS-PBSS9110T_15 Datasheet
187Kb / 12P
   100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110Y PHILIPS-PBSS9110Y_15 Datasheet
176Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110D PHILIPS-PBSS9110D_15 Datasheet
189Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-22 November 2009
PBSS9110Z PHILIPS-PBSS9110Z_15 Datasheet
206Kb / 14P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS9110Y PHILIPS-PBSS9110Y Datasheet
100Kb / 13P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-9 June 2004
logo
Nexperia B.V. All right...
PBSS9110X NEXPERIA-PBSS9110X Datasheet
321Kb / 16P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
PBSS9110Y NEXPERIA-PBSS9110Y Datasheet
290Kb / 14P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
logo
NXP Semiconductors
PBSS9110X NXP-PBSS9110X Datasheet
208Kb / 15P
   100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com