Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS8110D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS8110D
Description  100 V, 1 A NPN low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS8110D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBSS8110D Datasheet HTML 4Page - NXP Semiconductors PBSS8110D Datasheet HTML 5Page - NXP Semiconductors PBSS8110D Datasheet HTML 6Page - NXP Semiconductors PBSS8110D Datasheet HTML 7Page - NXP Semiconductors PBSS8110D Datasheet HTML 8Page - NXP Semiconductors PBSS8110D Datasheet HTML 9Page - NXP Semiconductors PBSS8110D Datasheet HTML 10Page - NXP Semiconductors PBSS8110D Datasheet HTML 11Page - NXP Semiconductors PBSS8110D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PBSS8110D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 December 2009
9 of 12
NXP Semiconductors
PBSS8110D
100 V, 1 A NPN low VCEsat (BISS) transistor
8.
Package outline
Fig 15. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16


Similar Part No. - PBSS8110D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110D PHILIPS-PBSS8110D Datasheet
97Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-23 April 2004
PBSS8110D PHILIPS-PBSS8110D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
logo
NXP Semiconductors
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results

Similar Description - PBSS8110D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110X NXP-PBSS8110X Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Y NXP-PBSS8110Y Datasheet
185Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110T PHILIPS-PBSS8110T Datasheet
133Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com