Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6223G121GR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6223G121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223G121GR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6223G121GR-G Datasheet HTML 4Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 5Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 6Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 7Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 8Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 9Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 10Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 11Page - Torex Semiconductor XC6223G121GR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8/36
XC6223 Series
SYMBOL
E-0
E-1
PARAMETER
NOMINAL
OUTPUT
VOLTAGE (V)
OUTPUT VOLTAGE
(V)
DROPOUT VOLTAGE
(mV)
VOUT(E)
Vdif
VOUT(T)
MIN.
MAX.
TYP.
MAX.
2.80
2.7720
2.8280
2.85
2.8215
2.8785
2.90
2.8710
2.9290
2.95
2.9205
2.9795
240
350
3.00
2.9700
3.0300
3.05
3.0195
3.0805
3.10
3.0690
3.1310
3.15
3.1185
3.1815
3.20
3.1680
3.2320
3.25
3.2175
3.2825
3.30
3.2670
3.3330
3.35
3.3165
3.3835
3.40
3.3660
3.4340
3.45
3.4155
3.4845
3.50
3.4650
3.5350
3.55
3.5145
3.5855
3.60
3.5640
3.6360
3.65
3.6135
3.6865
3.70
3.6630
3.7370
3.75
3.7125
3.7875
3.80
3.7620
3.8380
3.85
3.8115
3.8885
3.90
3.8610
3.9390
3.95
3.9105
3.9895
4.00
3.9600
4.0400
200
305
Voltage Chart2
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6223G121GR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
More results

Similar Description - XC6223G121GR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6229 TOREX-XC6229 Datasheet
936Kb / 26P
   300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
List of Unclassifed Man...
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
   Built-in Inrush Current Protection
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com