Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5350X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS5350X
Description  50 V, 3 A PNP low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5350X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBSS5350X Datasheet HTML 4Page - NXP Semiconductors PBSS5350X Datasheet HTML 5Page - NXP Semiconductors PBSS5350X Datasheet HTML 6Page - NXP Semiconductors PBSS5350X Datasheet HTML 7Page - NXP Semiconductors PBSS5350X Datasheet HTML 8Page - NXP Semiconductors PBSS5350X Datasheet HTML 9Page - NXP Semiconductors PBSS5350X Datasheet HTML 10Page - NXP Semiconductors PBSS5350X Datasheet HTML 11Page - NXP Semiconductors PBSS5350X Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2004 Nov 04
9
NXP Semiconductors
Product data sheet
50 V, 3 A
PNP low VCEsat (BISS) transistor
PBSS5350X
handbook, halfpage
−0.2
−1.2
−0.4
−0.6
−0.8
−1
MLE175
−10−1
−1
−10
IC (mA)
VBEsat
(V)
−102
−103
−104
(3)
(2)
(1)
Fig.10 Base-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = −55 °C.
(2) Tamb = 25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
103
102
10
1
10−2
10−1
MLE172
−10−1
−1
−10
IC (mA)
RCEsat
(
Ω)
−103
−102
−104
(1)
(3)
(2)
Fig.11 Equivalent on-resistance as a function of
collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb = 25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
−2
−1
0
−0.2
−0.4
−0.6
−0.8
−0.4
VCE (V)
IC
(A)
−0.8
−1.2
−1.6
MLE168
(1)
(6)
(9)
(10)
(7)
(5)
(4)
(3)
(2)
(8)
Fig.12 Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = −3500 μA.
(2) IB = −3150 μA.
(3) IB = −2800 μA.
(4) IB = −2450 μA.
(5) IB = −2100 μA.
(6) IB = −1750 μA.
(7) IB = −1400 μA.
(8) IB = −1050 μA.
(9) IB = −700 μA.
(10) IB = −350 μA.
Tamb = 25 °C.
handbook, halfpage
0
−2
−5
0
−1
−2
−3
−4
−0.4
VCE (V)
IC
(A)
−0.8
−1.2
−1.6
MLE169
(1)
(9)
(2)
(3)
(4)
(5)
(6)
(7)
(10)
(8)
Fig.13 Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = −140 mA.
(2) IB = −126 mA.
(3) IB = −112 mA.
(4) IB = −98 mA.
(5) IB = −84 mA.
(6) IB = −70 mA.
(7) IB = −56 mA.
(8) IB = −42 mA.
(9) IB = −28 mA.
(10) IB = −14 mA.
Tamb = 25 °C.


Similar Part No. - PBSS5350X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
PBSS5350X PHILIPS-PBSS5350X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Foshan Blue Rocket Elec...
PBSS5350X FOSHAN-PBSS5350X Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Nexperia B.V. All right...
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
   50 V, 3 A PNP low VCEsat transistor
16 May 2022
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
   PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
More results

Similar Description - PBSS5350X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
   PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
logo
Nexperia B.V. All right...
PBSS5350TH NEXPERIA-PBSS5350TH Datasheet
252Kb / 14P
   50 V, 3 A PNP low VCEsat (BISS) transistor
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T_15 Datasheet
179Kb / 10P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350D PHILIPS-PBSS5350D_15 Datasheet
262Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 6-28 June 2011
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
   V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
   50 V, 2 A PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com