Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6217C08AMR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6217C08AMR-G
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217C08AMR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6217C08AMR-G Datasheet HTML 5Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 6Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 7Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 8Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 9Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 10Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 11Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 12Page - Torex Semiconductor XC6217C08AMR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9/33
XC6217
Series
SYMBOL
E-0
E-1
E-2
E-3
NOMINAL
OUTPUT
VOLTAGE
(V)
OUTPUT VOLTAGE
(HS MODE)
Standard (V)
OUTPUT VOLTAGE
(PS MODE)
Standard (V)
OUTPUT VOLTAGE
(HS MODE)
High Accuracy (V)
OUTPUT VOLTAGE
(PS MODE)
High Accuracy (V)
VOUT(E)
VOUT(E)
VOUT(E)
VOUT(E)
VOUT(T)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
0.80
0.7700
0.8300
0.7100
0.8700
0.7800
0.8200
0.7300
0.8500
0.85
0.8200
0.8800
0.7600
0.9200
0.8300
0.8700
0.7800
0.9000
0.90
0.8700
0.9300
0.8100
0.9700
0.8800
0.9200
0.8300
0.9500
0.95
0.9200
0.9800
0.8600
1.0200
0.9300
0.9700
0.8800
1.0000
1.00
0.9700
1.0300
0.9100
1.0700
0.9800
1.0200
0.9300
1.0500
1.05
1.0200
1.0800
0.9600
1.1200
1.0300
1.0700
0.9800
1.1000
1.10
1.0700
1.1300
1.0100
1.1700
1.0800
1.1200
1.0300
1.1500
1.15
1.1200
1.1800
1.0600
1.2200
1.1300
1.1700
1.0800
1.2000
1.20
1.1700
1.2300
1.1100
1.2700
1.1800
1.2200
1.1300
1.2500
1.25
1.2200
1.2800
1.1600
1.3200
1.2300
1.2700
1.1800
1.3000
1.30
1.2700
1.3300
1.2100
1.3700
1.2800
1.3200
1.2300
1.3500
1.35
1.3200
1.3800
1.2600
1.4200
1.3300
1.3700
1.2800
1.4000
1.40
1.3700
1.4300
1.3100
1.4700
1.3800
1.4200
1.3300
1.4500
1.45
1.4200
1.4800
1.3600
1.5200
1.4300
1.4700
1.3800
1.5000
1.50
1.4700
1.5300
1.4100
1.5700
1.4800
1.5200
1.4300
1.5500
1.55
1.5200
1.5800
1.460
1.6200
1.5300
1.5700
1.4800
1.6000
1.60
1.5700
1.6300
1.5280
1.6560
1.5800
1.6200
1.5440
1.6400
1.65
1.6200
1.6800
1.5758
1.7078
1.6300
1.6700
1.5923
1.6913
1.70
1.6700
1.7300
1.6235
1.7595
1.6800
1.7200
1.6405
1.7425
1.75
1.7200
1.7800
1.6713
1.8113
1.7300
1.770
1.6888
1.7938
1.80
1.7700
1.8300
1.7190
1.8630
1.7800
1.8200
1.7370
1.8450
1.85
1.8200
1.8800
1.7668
1.9148
1.8300
1.8700
1.7853
1.8963
1.90
1.8700
1.9300
1.8145
1.9665
1.8800
1.9200
1.8335
1.9475
1.95
1.9200
1.9800
1.8623
2.0183
1.9300
1.9700
1.8818
1.9998
2.00
1.9600
2.0400
1.9100
2.0700
1.9800
2.0200
1.9300
2.0500
2.05
2.0090
2.0910
1.9578
2.1218
2.0295
2.0705
1.9783
2.1013
2.10
2.0850
2.1420
2.0055
2.1735
2.0790
2.1210
2.0265
2.1525
2.15
2.1070
2.1930
2.0533
2.2253
2.1285
2.1715
2.0748
2.2038
2.20
2.1560
2.2440
2.1010
2.2770
2.1780
2.2220
2.1230
2.2550
2.25
2.2050
2.2950
2.1488
2.3288
2.2275
2.2725
2.1713
2.3063
2.30
2.2540
2.3460
2.1965
2.3805
2.2770
2.3230
2.2195
2.3575
2.35
2.3030
2.3970
2.2443
2.4323
2.3265
2.3735
2.2678
2.4088
2.40
2.3520
2.4480
2.2920
2.4840
2.3760
2.4240
2.3160
2.4600
2.45
2.4010
2.4990
2.3398
2.5358
2.4255
2.4745
2.3646
2.5113
2.50
2.4500
2.5500
2.3875
2.5875
2.4750
2.5250
2.4125
2.5625
2.55
2.4990
2.6010
2.4353
2.6393
2.5245
2.5755
2.4608
2.6138
2.60
2.5480
2.6520
2.5090
2.6650
2.5740
2.6260
2.5350
2.6390
2.65
2.5970
2.7030
2.5573
2.7163
2.6235
2.6765
2.5838
2.6898
2.70
2.6460
2.7540
2.6055
2.7675
2.6730
2.7270
2.6325
2.7405
2.75
2.6950
2.8050
2.6538
2.8188
2.7225
2.7775
2.6813
2.7913
2.80
2.7440
2.8560
2.7020
2.8700
2.7720
2.8280
2.7300
2.8420
2.85
2.7930
2.9070
2.7503
2.9213
2.8215
2.8785
2.7788
2.8928
2.90
2.8420
2.9580
2.7985
2.9725
2.8710
2.9290
2.8275
2.9435
2.95
2.8910
3.0090
2.8468
3.0238
2.9205
2.9795
2.8763
2.9943
*USPN-4
0.80V≦VOUT(T)≦1.55V underdevelopment.
■OUTPUT VOLTAGE CHART


Similar Part No. - XC6217C08AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217C08AMR TOREX-XC6217C08AMR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com