Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5320X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS5320X
Description  20 V, 3 A PNP low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5320X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS5320X Datasheet HTML 4Page - NXP Semiconductors PBSS5320X Datasheet HTML 5Page - NXP Semiconductors PBSS5320X Datasheet HTML 6Page - NXP Semiconductors PBSS5320X Datasheet HTML 7Page - NXP Semiconductors PBSS5320X Datasheet HTML 8Page - NXP Semiconductors PBSS5320X Datasheet HTML 9Page - NXP Semiconductors PBSS5320X Datasheet HTML 10Page - NXP Semiconductors PBSS5320X Datasheet HTML 11Page - NXP Semiconductors PBSS5320X Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2004 Nov 04
10
NXP Semiconductors
Product data sheet
20 V, 3 A
PNP low VCEsat (BISS) transistor
PBSS5320X
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
SOT89
TO-243
SC-62
04-08-03
06-03-16
w M
e1
e
E
HE
B
0
2
4 mm
scale
bp3
bp2
bp1
c
D
Lp
A
Plastic surface-mounted package; collector pad for good heat transfer; 3 leads
SOT89
12
3
UNIT
A
mm
1.6
1.4
0.48
0.35
c
0.44
0.23
D
4.6
4.4
E
2.6
2.4
HE
Lp
4.25
3.75
e
3.0
w
0.13
e1
1.5
1.2
0.8
bp2
bp1
0.53
0.40
bp3
1.8
1.4


Similar Part No. - PBSS5320X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5320X PHILIPS-PBSS5320X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5320X NEXPERIA-PBSS5320X Datasheet
261Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X_15 Datasheet
203Kb / 12P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 04
More results

Similar Description - PBSS5320X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5320X PHILIPS-PBSS5320X_15 Datasheet
203Kb / 12P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 04
PBSS5320T PHILIPS-PBSS5320T Datasheet
85Kb / 10P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 15
2PB1424 NXP-2PB1424 Datasheet
134Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-15 January 2007
logo
Nexperia B.V. All right...
PBSS5320X NEXPERIA-PBSS5320X Datasheet
261Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS5320T NXP-PBSS5320T Datasheet
178Kb / 10P
   20 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 15
logo
Nexperia B.V. All right...
2PB1424 NEXPERIA-2PB1424 Datasheet
719Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 15 January 2007
logo
NXP Semiconductors
PBSS5320T PHILIPS-PBSS5320T_15 Datasheet
178Kb / 10P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Jan 15
2PB1424_15 PHILIPS-2PB1424_15_15 Datasheet
145Kb / 13P
   20 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 02-15 January 2007
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
   V, 3 A PNP low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com