Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS5140T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS5140T
Description  40 V, 1 A PNP low VCEsat BISS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5140T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS5140T Datasheet HTML 4Page - NXP Semiconductors PBSS5140T Datasheet HTML 5Page - NXP Semiconductors PBSS5140T Datasheet HTML 6Page - NXP Semiconductors PBSS5140T Datasheet HTML 7Page - NXP Semiconductors PBSS5140T Datasheet HTML 8Page - NXP Semiconductors PBSS5140T Datasheet HTML 9Page - NXP Semiconductors PBSS5140T Datasheet HTML 10Page - NXP Semiconductors PBSS5140T Datasheet HTML 11Page - NXP Semiconductors PBSS5140T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PBSS5140T_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 29 July 2008
8 of 13
NXP Semiconductors
PBSS5140T
40 V, 1 A PNP low VCEsat BISS transistor
8.
Test information
Fig 12. BISS transistor switching time definition
VCC = −10 V; IC = −0.5 A; IBon = −25 mA; IBoff =25mA
Fig 13. Test circuit for switching times
006aaa266
−I
Bon (100 %)
−I
B
input pulse
(idealized waveform)
−I
Boff
90 %
10 %
−I
C (100 %)
−I
C
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
VI
VCC


Similar Part No. - PBSS5140T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
   40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5140T PHILIPS-PBSS5140T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Foshan Blue Rocket Elec...
PBSS5140T FOSHAN-PBSS5140T Datasheet
1,011Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
logo
Nexperia B.V. All right...
PBSS5140T NEXPERIA-PBSS5140T Datasheet
221Kb / 14P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04 - 29 July 2008
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T_15 Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
More results

Similar Description - PBSS5140T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T_15 Datasheet
106Kb / 13P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04-29 July 2008
logo
Nexperia B.V. All right...
PBSS5140T NEXPERIA-PBSS5140T Datasheet
221Kb / 14P
   40 V, 1 A PNP low VCEsat BISS transistor
Rev. 04 - 29 July 2008
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5240Z PHILIPS-PBSS5240Z_15 Datasheet
233Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
15 October 2014
logo
Nexperia B.V. All right...
PBSS5540X NEXPERIA-PBSS5540X Datasheet
239Kb / 13P
   40 V, 5 A PNP low VCEsat (BISS) transistor
15 April 2020
logo
NXP Semiconductors
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
logo
Nexperia B.V. All right...
PBSS5240Z NEXPERIA-PBSS5240Z Datasheet
717Kb / 14P
   40 V, 2 A PNP low VCEsat (BISS) transistor
PBSS3540M NEXPERIA-PBSS3540M Datasheet
510Kb / 10P
   40 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Aug 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com