Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8102AA01MR-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC8102AA01MR-G
Description  Load Switch with Low On-Resistance
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8102AA01MR-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC8102AA01MR-G Datasheet HTML 3Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 4Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 5Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 6Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 7Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 8Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 9Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 10Page - Torex Semiconductor XC8102AA01MR-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
XC8102
Series
<CE Pin>
The XC8102 enables an output P-channel MOSFET switch and the IC internal circuitry to turn off by the signal to the CE pin. In
the shutdown mode, the VOUT pin will be pulled down to the VSS by the CL auto-discharge function.
The output voltage becomes unstable when the CE pin is opened. If the input voltage to the CE pin is within the specified
threshold voltages, the logic is fixed and the XC8102 will operate normally. However, supply current may increase as a result
of the shoot-through current of internal circuitry when the medium level voltage is input to the CE pin.
Input/Output Capacitor>
The XC8102 works well without an input and output capacitors. Also, an output capacitor of the power source can be used as
an input capacitor of the XC8102 and a bypass capacitor of the driving IC can be used as an output capacitor of the XC8102.
<CL Auto-Discharge Function>
The XC8102AA contains a CL auto-discharge resistor and an N-channel transistor between the VOUT pin and the VSS pin. The
device quickly discharge the electric charge in the output capacitor (CL) when a low signal to the CE pin is input to turn off a
whole IC circuit. The CL auto-discharge resistance is set at 480Ω (VOUT=4.0V TYP. @ VIN=4.0). Discharge time of the
output capacitor (CL) is determined by a CL auto-discharge resistor value (Rdischg) and an output capacitor value. Time
constant τ is defined as (τ = C x Rdischg). Output voltage after starting discharge can be calculated by the following
formula.
V = VOUT x e
–t/τ, or t=τIn (VOUT / V)
V: Output voltage after starting discharge,
VOUT: Output voltage,
t : Discharge time,
τ: Output discharge resistor value Rdischg×Output capacitor (CL) value C
<Current Limiter, Short-Circuit Protection>
The XC8102 series contains a constant current limiter and fold-back current circuitry. The constant current limiter operates to
limit output current and the fold-back current circuitry operates as short circuit protection for the output pin.
When the load current reaches the limit current, the constant current limiter operates and the output voltage drops. The output
voltage further, then the fold-back current circuitry operates to decrease the output current.
When the output pin is
short-circuited to the ground, the output current drops and maintains a flow about 30mA.
■NOTES ON USE
■OPERATIONAL EXPLANATION
1.
Please use this IC within the stated absolute maximum ratings. Operation beyond these limits may cause degrading or
permanent damage to the device.
2.
The X8102 goes into an undefined operation when the CE pin is left open. The CE pin shall be tied to low or high level.
3.
VOUT pin voltage should not be applied beyond the VIN pin voltage.
The IC may get damage due to the reverse current toward the VIN pin.
4.
Current limit function is integrated. However, power dissipation may be beyond the limit before starting a fold-back current
protection when used in high temperature. For the power dissipation of each package, please refer to the graphs of Package
Power vs. Operating Temperature in page 15 to 18.


Similar Part No. - XC8102AA01MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102AA01MR-G TOREX-XC8102AA01MR-G Datasheet
333Kb / 18P
   Small (1.2mm x 1.6mm) 400mA Line Switch with Low On-Resistance
XC8102AA01MR-G TOREX-XC8102AA01MR-G Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102AA01MR-G TOREX-XC8102AA01MR-G Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
More results

Similar Description - XC8102AA01MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com