Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08MM64CMB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S08MM64CMB
Description  Advanced Information
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08MM64CMB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08MM64CMB Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08MM64CMB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
© Freescale Semiconductor, Inc., 2009-2010. All rights reserved.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
80-LQFP 12mm x 12mm
64-LQFP 10mm x 10mm
81-MapBGA 10mm x10mm
8-Bit HCS08 Central Processor Unit (CPU)
Up to 48-MHz CPU above 2.4 V, 40 MHz CPU above 2.1 V, and
20 MHz CPU above 1.8 V across temperature of -40°C to 105°C
HCS08 instruction set with added BGND instruction
Support for up to 32 interrupt/reset sources
On-Chip Memory
128 K Dual Array Flash read/program/erase over full operating
voltage and temperature
12 KB Random-access memory (RAM)
Security circuitry to prevent unauthorized access to RAM and
Flash
Power-Saving Modes
Two ultra-low power stop modes. Peripheral clock enable register
can disable clocks to unused modules to reduce currents
Time of Day (TOD) — Ultra-low power 1/4 sec counter with up to
64s timeout.
Ultra-low power external oscillator that can be used in stop modes
to provide accurate clock source to the TOD. 6 usec typical wake
up time from stop3 mode
Clock Source Options
Oscillator (XOSC1) — Loop-control Pierce oscillator; 32.768 kHz
crystal or ceramic resonator dedicated for TOD operation.
Oscillator (XOSC2) — for high frequency crystal input for MCG
reference to be used for system clock and USB operations.
Multipurpose Clock Generator (MCG) — PLL and FLL; precision
trimming of internal reference allows 0.2% resolution and 2%
deviation over temperature and voltage; supports CPU
frequencies from 4 kHz to 48 MHz.
System Protection
Watchdog computer operating properly (COP) reset Watchdog
computer operating properly (COP) reset with option to run from
dedicated 1-kHz internal clock source or bus clock
Low-voltage detection with reset or interrupt; selectable trip points;
separate low-voltage warning with optional interrupt; selectable
trip points
Illegal opcode and illegal address detection with reset
Flash block protection for each array to prevent accidental
write/erasure
Hardware CRC to support fast cyclic redundancy checks
Development Support
Single-wire background debug interface
Real-time debug with 6 hardware breakpoints (4 PC, 1 address
and 1 data) Breakpoint capability to allow single breakpoint setting
during in-circuit debugging
On-chip in-circuit emulator (ICE) debug module containing 3
comparators and 9 trigger modes
Peripherals
CMT— Carrier Modulator timer for remote control
communications. Carrier generator, modulator and driver for
dedicated infrared out. Can be used as an output compare timer.
IIC— Up to 100 kbps with maximum bus loading; Multi-master
operation; Programmable slave address; Interrupt driven
byte-by-byte data transfer; supports broadcast mode and 11-bit
addressing
PRACMP — Analog comparator with selectable interrupt;
compare option to programmable internal reference voltage;
operation in stop3
SCI — Two serial communications interfaces with optional 13-bit
break; option to connect Rx input to PRACMP output on SCI1 and
SCI2; High current drive on Tx on SCI1 and SCI2; wake-up from
stop3 on Rx edge
SPI1— Serial peripheral interface (SPI) with 64-bit FIFO buffer;
16-bit or 8-bit data transfers; full-duplex or single-wire
bidirectional; double-buffered transmit and receive; master or
slave mode; MSB-first or LSB-first shifting
SPI2— Serial peripheral interface with full-duplex or single-wire
bidirectional; Double-buffered transmit and receive; Master or
Slave mode; MSB-first or LSB-first shifting
TPM — Two 4-channel Timer/PWM Module; Selectable input
capture, output compare, or buffered edge- or center-aligned
PWM on each channel; external clock input/pulse accumulator
USB — Supports USB in full-speed device configuration. On-chip
transceiver and 3.3V regulator help save system cost, fully
compliant with USB Specification 2.0. Allows control, bulk,
interrupt and isochronous transfers. Not available on
MC9S08MM32A devices.
ADC16 — 16-bit Successive approximation ADC with up to 4
dedicated differential channels and 8 single-ended channels;
range compare function; 1.7 mV/
°C temperature sensor; internal
bandgap reference channel; operation in stop3; fully functional
from 3.6V to 1.8V, Configurable hardware trigger for 8 Channel
select and result registers
PDB — Programmable delay block with 16-bit counter and
modulus and prescale to set reference clock to bus divided by 1 to
bus divided by 2048; 8 trigger outputs for ADC16 module provides
periodic coordination of ADC sampling sequence with sequence
completion interrupt; Back-to-Back mode and Timed mode
DAC — 12-bit resolution; 16-word data buffers with configurable
watermark.
OPAMP — Two flexible operational amplifiers configurable for
general operations; Low offset and temperature drift.
TRIAMP — Two trans-impedance amplifiers dedicated for
converting current inputs into voltages.
Input/Output
Up to 47 GPIOs and 2 output-only pin and 1 input-only pin.
Voltage Reference output (VREFO).
Dedicated infrared output pin (IRO) with
high current sink capability.
Up to 16 KBI pins with selectable polarity.
Package Options
81-MBGA (10x10x1.6) mm
80-LQFP (12x12x1.6) mm
64-LQFP (10x10x1.6) mm
Freescale Semiconductor
Data Sheet: Advanced Information
Document Number: MC9S08MM128
Rev. 2, 04/2010
MC9S08MM128 series
Covers: MC9S08MM128, and MC9S08MM64, MC9S08MM32,
and MC9S08MM32A
An Energy-Efficient Solution from Freescale
Non-Disclosure Agreement Required
Preliminary — Subject to Change


Similar Part No. - MC9S08MM64CMB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08MP12 FREESCALE-MC9S08MP12 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08MP12 NXP-MC9S08MP12 Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CLC NXP-MC9S08MP12E2CLC Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CLF NXP-MC9S08MP12E2CLF Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
MC9S08MP12E2CWL NXP-MC9S08MP12E2CWL Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Similar Description - MC9S08MM64CMB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2158D IRF-IRS2158D_15 Datasheet
773Kb / 30P
   Advanced Information
logo
Freescale Semiconductor...
MC9S08LH64 FREESCALE-MC9S08LH64 Datasheet
960Kb / 44P
   Advanced Information
logo
IXYS Corporation
IXFK52N60Q2 IXYS-IXFK52N60Q2 Datasheet
552Kb / 2P
   Advanced Technical Information
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
   Advanced Information Preliminary
logo
IXYS Corporation
IXGA4N100 IXYS-IXGA4N100 Datasheet
107Kb / 2P
   ADVANCED TECHNICAL INFORMATION
IXA40PG1200DHGLB IXYS-IXA40PG1200DHGLB Datasheet
144Kb / 3P
   Advanced Technical Information
IXKR25N80C IXYS-IXKR25N80C Datasheet
116Kb / 2P
   Advanced Technical Information CoolMOS Power MOSFETin ISOPLUS247 Package
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com