Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08JS8L Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC9S08JS8L
Description  Technical Data
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS8L Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS8L Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08JS8L Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
10
18
P
Low-voltage detection threshold —
high range
VDD falling
VDD rising
VLVD1
3.9
4.0
4.0
4.1
4.1
4.2
V
P
Low-voltage detection threshold —
low range
VDD falling
VDD rising
VLVD0
2.48
2.54
2.56
2.62
2.64
2.70
V
19
C
Low-voltage warning threshold —
high range 1
VDD falling
VDD rising
VLVW3
4.5
4.6
4.6
4.7
4.7
4.8
V
20
P
Low-voltage warning threshold —
high range 0
VDD falling
VDD rising
VLVW2
4.2
4.3
4.3
4.4
4.4
4.5
V
21
P
Low-voltage warning threshold
low range 1
VDD falling
VDD rising
VLVW1
2.84
2.90
2.92
2.98
3.00
3.06
V
22
C
Low-voltage warning threshold —
low range 0
VDD falling
VDD rising
VLVW0
2.66
2.72
2.74
2.80
2.82
2.88
V
23
24
T
Low-voltage inhibit reset/recover hysteresis
5 V
3 V
Vhys
100
60
mV
1 Typical values are based on characterization data at 25
°C unless otherwise stated.
2 Operating voltage with USB enabled can be found in Section 3.11, “USB Electricals.”
3 Measured with V
In = VDD or VSS.
4 Measured with V
In = VSS.
5 Measured with V
In = VDD.
Table 6. DC Characteristics (continued)
Num C
Parameter
Symbol
Min
Typical1
Max
Unit


Similar Part No. - MC9S08JS8L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08JS16 NXP-MC9S08JS16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08JS8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com