Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6217B08BGR-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6217B08BGR-G
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217B08BGR-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6217B08BGR-G Datasheet HTML 1Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 2Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 3Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 4Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 5Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 6Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 7Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 8Page - Torex Semiconductor XC6217B08BGR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3/33
XC6217
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
CE High Active, no CL discharge resistor
B
CE High Active, with CL discharge resistor
C
CE High Active, no CL discharge resistor, no GO pin
Type of Regulator
D
CE High Active, with CL discharge resistor, no GO pin
Output Voltage
08 ~ 40
ex.) VOUT(T) = 3.00V → ② = 3, ③ = 0
2
0.1V increments (Standard)
V
OUT(T)
HS mode
PS mode
0.80V ~ 1.50V
V
OUT(T)±30mV
V
OUT(T)+70mV, VOUT(T)-90mV
1.60V ~ 1.90V
V
OUT(T)±30mV
V
OUT(T)+3.5%, VOUT(T)-4.5%
2.00V ~ 2.50V
V
OUT(T)±2%
V
OUT(T)+3.5%, VOUT(T)-4.5%
2.60V ~ 4.00V
V
OUT(T) ±2%
V
OUT(T)+2.5%, VOUT(T)-3.5%
ex.) 2.00V Standard → ②=2, ③=0, ④=2
A
0.05V increments (Standard)
V
OUT(T)
HS mode
PS mode
0.85V ~ 1.55V
V
OUT(T)±30mV
V
OUT(T)+70mV, VOUT(T)-90mV
1.65V ~ 1.95V
V
OUT(T)±30mV
V
OUT(T)+3.5%, VOUT(T)-4.5%
2.05V ~ 2.55V
V
OUT(T)±2%
V
OUT(T)+3.5%, VOUT(T)-4.5%
2.65V ~ 3.95V
V
OUT(T) ±2%
V
OUT(T)+2.5%, VOUT(T)-3.5%
ex.) 2.05V Standard → ②=2, ③=0, ④=A
1
0.1V increments (High Accuracy)
V
OUT(T)
HS mode
PS mode
0.80V ~ 1.50V
V
OUT(T)±20mV
V
OUT(T)+50mV, VOUT(T)-70mV
1.60V ~ 1.90V
V
OUT(T)±20mV
V
OUT(T)+2.5%, VOUT(T)-3.5%
2.00V ~ 2.50V
V
OUT(T)±1%
V
OUT(T)+2.5%, VOUT(T)-3.5%
2.60V ~ 4.00V
V
OUT(T) ±1%
V
OUT(T)+1.5%, VOUT(T)-2.5%
ex.) 2.00V High Accuracy → ②=2, ③=0, ④=1
Output Accuracy
B
0.05V increments (High Accuracy)
V
OUT(T)
HS mode
PS mode
0.85V ~ 1.55V
V
OUT(T)±20mV
V
OUT(T)+50mV, VOUT(T)-70mV
1.65V ~ 1.95V
V
OUT(T)±20mV
V
OUT(T)+2.5%, VOUT(T)-3.5%
2.05V ~ 2.55V
V
OUT(T)±1%
V
OUT(T)+2.5%, VOUT(T)-3.5%
2.65V ~ 3.95V
V
OUT(T) ±1%
V
OUT(T)+1.5%, VOUT(T)-2.5%
ex.) 2.05V High Accuracy → ②=2, ③=0, ④=B
GR
USP-4D (XC6217A/B type)
GR-G
USP-4D (XC6217A/B type)
MR
SOT-25 (XC6217A/B type)
MR-G
SOT-25 (XC6217A/B type)
NR
SSOT-24 (XC6217C/D type)
NR-G
SSOT-24 (XC6217C/D type)
⑤⑥-⑦
Packages
Taping Type
(*2)
7R-G
USPN-4 (XC6217C/Dtype)
■PRODUCT CLASSIFICATION
●Ordering Information
XC6217①②③④⑤⑥-⑦
(*1)
*USPN-4 0.80V≦VOUT(T)≦1.55V under development.
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)


Similar Part No. - XC6217B08BGR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217B08BGR TOREX-XC6217B08BGR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com