Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08AC96CFGE Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC9S08AC96CFGE
Description  MC9S08AC128 8-Bit Microcontroller Data Sheet
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08AC96CFGE Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC9S08AC96CFGE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08AC96CFGE Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Chapter 2 Pins and Connections
MC9S08AC128 MCU Series Data Sheet, Rev. 2
Freescale Semiconductor
7
Figure 2-3 shows the 44-pin LQFP pin assignments for the MC9S08AC128 Series device.
Figure 2-3. MC9S08AC128 Series in 44-Pin LQFP Package
Table 2-4. Pin Availability by Package Pin-Count
Pin Number
Lowest <--
Priority
--> Highest
80
64
44
Port Pin
Alt 1
Alt 2
111
PTC4
222
IRQ
TPMCLK1
333
RESET
444
PTF0
TPM1CH2
555
PTF1
TPM1CH3
6
6
PTF2
TPM1CH4
7
7
PTF3
TPM1CH5
886
PTF4
TPM2CH0
PTF4/TPM2CH0
1
2
3
4
5
6
7
8
RESET
PTF0/TPM1CH2
PTD0/AD1P8
PTD1/AD1P9
VDDAD
VSSAD
PTB1/TPM3CH1/AD1P1
PTG3/KBI1P3
31
30
29
28
27
26
13
14
15
16
17
18
34
35
12
22
23
33
44
9
PTF5/TPM2CH1
10
PTE0/TxD1
11
PTE3/TPM1CH1
19
20
21
PTB3/AD1P3
PTB2/AD1P2
36
37
38
39
PTF1/TPM1CH3
PTE1/RxD1
PTE2/TPM1CH0
PTD2/KBI1P5/AD1P10
32
PTD3/KBI1P6/AD1P11
43
42
41
40
PTC4
IRQ/TPMCLK
PTB0/TPM3CH0/AD1P0
44-Pin LQFP
25
24


Similar Part No. - MC9S08AC96CFGE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08AC96 FREESCALE-MC9S08AC96 Datasheet
553Kb / 42P
   8-Bit Microcontroller
More results

Similar Description - MC9S08AC96CFGE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SC4 NXP-MC9S08SC4 Datasheet
746Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
Rev. 4, 6/2010
logo
Freescale Semiconductor...
S9S08SC4E0MTG FREESCALE-S9S08SC4E0MTG Datasheet
638Kb / 31P
   MC9S08SC4 8-Bit Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
   8 Bit Micro-controller Data Sheet
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com