Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBRN123ET Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBRN123ET
Description  NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k?? R2 = 2.2 k?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBRN123ET Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBRN123ET Datasheet HTML 3Page - NXP Semiconductors PBRN123ET Datasheet HTML 4Page - NXP Semiconductors PBRN123ET Datasheet HTML 5Page - NXP Semiconductors PBRN123ET Datasheet HTML 6Page - NXP Semiconductors PBRN123ET Datasheet HTML 7Page - NXP Semiconductors PBRN123ET Datasheet HTML 8Page - NXP Semiconductors PBRN123ET Datasheet HTML 9Page - NXP Semiconductors PBRN123ET Datasheet HTML 10Page - NXP Semiconductors PBRN123ET Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PBRN123E_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 February 2007
7 of 17
NXP Semiconductors
PBRN123E series
NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
Ceramic PCB, Al2O3, standard footprint
Fig 5.
Transient thermal impedance from junction to ambient as a function of pulse duration for
SOT23 (TO-236AB) and SOT346 (SC-59A/TO-236); typical values
FR4 PCB, standard footprint
Fig 6.
Transient thermal impedance from junction to ambient as a function of pulse duration for
SOT54 (SC-43A/TO-92); typical values
006aab002
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0.75
0.50
0.33
0.20
0.01
0.10
0.05
0.02
0
δ = 1
006aab003
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.75
0.50
0.33
0.20
0.01
0.10
0.05
0.02
0
δ = 1


Similar Part No. - PBRN123ET

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBRN123ET NEXPERIA-PBRN123ET Datasheet
268Kb / 12P
   40 V, 600 mA NPN PB RET; R1 = 2.2 kΩ, R2 = 2.2 kΩ
31 March 2021
PBRN123ET NEXPERIA-PBRN123ET Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
PBRN123ET-Q NEXPERIA-PBRN123ET-Q Datasheet
270Kb / 13P
   40 V, 600 mA NPN PB RET; R1 = 2.2 kΩ, R2 = 2.2 kΩ
6 May 2021
More results

Similar Description - PBRN123ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBRN123Y NXP-PBRN123Y Datasheet
162Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k?? R2 = 10 k?
Rev. 01-27 February 2007
logo
Nexperia B.V. All right...
PBRN123E_SER NEXPERIA-PBRN123E_SER Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
logo
NXP Semiconductors
PBRN113E NXP-PBRN113E Datasheet
159Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 k?? R2 = 1 k?
Rev. 01-1 March 2007
PBRN113Z NXP-PBRN113Z Datasheet
162Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 k?? R2 = 10 k?
Rev. 01-26 February 2007
logo
Nexperia B.V. All right...
PBRN123Y_SER NEXPERIA-PBRN123Y_SER Datasheet
741Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 10 kW
Rev. 01 - 27 February 2007
logo
NXP Semiconductors
PBRP123ET NXP-PBRP123ET Datasheet
112Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-16 January 2008
logo
ON Semiconductor
MUN2231 ONSEMI-MUN2231_15 Datasheet
103Kb / 11P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 2
MUN2231 ONSEMI-MUN2231 Datasheet
127Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
August, 2012 ??Rev. 0
MUN2131 ONSEMI-MUN2131 Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
MUN5231DW1 ONSEMI-MUN5231DW1 Datasheet
140Kb / 6P
   Dual NPN Bias Resistor Transistors R1 = 2.2 k, R2 = 2.2 k
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com