Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9RS08KB8CSC Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC9RS08KB8CSC
Description  MCU Block Diagram
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9RS08KB8CSC Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC9RS08KB8CSC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9RS08KB8CSC Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Electrical Characteristics
MC9RS08KB12 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
7
3.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package
thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in
on-chip logic and voltage regulator circuits and it is user-determined rather than being controlled by the
MCU design. In order to take PI/O into account in power calculations, determine the difference between
actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of
unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very
small.
The average chip-junction temperature (TJ) in
°C can be obtained from:
TJ = TA + (PD × θJA)
Eqn. 1
where:
TA = Ambient temperature, °C
θJA = Package thermal resistance, junction-to-ambient, °C /W
PD = Pint + PI/O
Pint = IDD × VDD, Watts chip internal power
PI/O = Power dissipation on input and output pins user determined
Storage temperature range
Tstg
–55 to 150
°C
1 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values for positive (VDD) and negative (VSS) clamp voltages, then use the larger of the two
resistance values.
2 All functional non-supply pins are internally clamped to V
SS and VDD except the RESET/VPP pin which is internally
clamped to VSS only.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum
current conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD
and could result in external power supply going out of regulation. Ensure external VDD load will shunt current greater
than maximum injection current. This will be the greatest risk when the MCU is not consuming power. Examples are:
if no system clock is present, or if the clock rate is very low which would reduce overall power consumption.
Table 4. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range (packaged)
TA
TL to TH
–40 to 85
°C
Maximum junction temperature
TJMAX
150
°C
Thermal resistance 20-pin SOIC
θ
JA
83
°C/W
Thermal resistance 16-pin SOIC NB
θ
JA
103
°C/W
Thermal resistance 16-pin TSSOP
θ
JA
29
°C/W
Thermal resistance 8-pin SOIC
θ
JA
150
°C/W
Thermal resistance 8-pin DFN
θ
JA
110
°C/W
Table 3. Absolute Maximum Ratings (continued)
Rating
Symbol
Value
Unit


Similar Part No. - MC9RS08KB8CSC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9RS08KB8 NXP-MC9RS08KB8 Datasheet
882Kb / 38P
   8-Bit RS08 Central Processor Unit (CPU)
Rev. 5, 1/2012
More results

Similar Description - MC9RS08KB8CSC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_08 Datasheet
952Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
896Kb / 40P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_09 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08LE4 FREESCALE-MC9RS08LE4 Datasheet
536Kb / 30P
   MCU Block Diagram
MC9RS08LA8 FREESCALE-MC9RS08LA8 Datasheet
1,002Kb / 34P
   MCU Block Diagram
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com