Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9RS08KB4CWJ Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC9RS08KB4CWJ
Description  MCU Block Diagram
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9RS08KB4CWJ Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC9RS08KB4CWJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9RS08KB4CWJ Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Electrical Characteristics
MC9RS08KB12 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
11
Figure 6. Typical VOH vs. IOH
VDD = 5.5 V (Low Drive)
Figure 7. Typical VOH vs. IOH
VDD = 3.0 V (High Drive)
VOH vs. IOH (Low Drive) at Vdd=5.5V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
123456
IOH (mA)
85C
25C
-40C
VOH vs. IOH (High Drive) at Vdd=3.0V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
123
45678
9
10
IOH (mA)
85C
25C
-40C


Similar Part No. - MC9RS08KB4CWJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9RS08KB4 NXP-MC9RS08KB4 Datasheet
882Kb / 38P
   8-Bit RS08 Central Processor Unit (CPU)
Rev. 5, 1/2012
More results

Similar Description - MC9RS08KB4CWJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_08 Datasheet
952Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
896Kb / 40P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_09 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08LE4 FREESCALE-MC9RS08LE4 Datasheet
536Kb / 30P
   MCU Block Diagram
MC9RS08LA8 FREESCALE-MC9RS08LA8 Datasheet
1,002Kb / 34P
   MCU Block Diagram
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com