Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9RS08KA4CPJ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9RS08KA4CPJ
Description  MCU Block Diagram
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9RS08KA4CPJ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9RS08KA4CPJ Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9RS08KA4CPJ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MC9RS08KA8
Rev. 4, 6/2009
© Freescale Semiconductor, Inc., 2008-2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC9RS08KA8
Features:
• 8-Bit RS08 Central Processor Unit (CPU)
– Up to 20 MHz CPU at 1.8 V to 5.5 V across temperature
range of –40°C to 85°C
– Subset of HC08 instruction set with added BGND
instruction
•On-Chip Memory
– 8 KB flash read/program/erase over full operating
voltage and temperature; KA4 has 4 KB flash
– 254 byte random-access memory (RAM); KA4 has 126
byte RAM
– Security circuitry to prevent unauthorized access to
RAM and flash contents
• Power-Saving Modes
– Wait and stop
– Wakeup from power-saving modes using real-time
interrupt (RTI), KBI, or ACMP
• Clock Source Options
– Oscillator (XOSC) — Loop-Control Pierce oscillator;
crystal or ceramic resonator range of 31.25 kHz to
39.0625 kHz or 1 MHz to 5 MHz
– Internal Clock Source (ICS) — Internal clock source
module containing a frequency-locked-loop (FLL)
controlled by internal or external reference; precision
trimming of internal reference allows 0.2% resolution
and 2% deviation over temperature and voltage;
supports bus frequencies up to 10 MHz
• System Protection
– Watchdog computer operating properly (COP) reset
with option to run from dedicated 1 kHz internal clock
source or bus clock
– Low-Voltage detection with reset or interrupt
– Illegal opcode detection with reset
– Illegal address detection with reset
– Flash block protection
• Development Support
– Single-Wire background debug interface
– Breakpoint capability to allow single breakpoint setting
during in-circuit debugging
• Peripherals
– ADC — 12-channel, 10-bit resolution; 2.5
μs
conversion time; automatic compare function; operation
in stop; fully functional from 2.7 V to 5.5 V (8-channels
available on 16-pin package)
– TPM — One 2-channel; selectable input capture, output
compare, or buffered edge- or center-aligned PWM on
each channel
– IIC — Inter-Integrated circuit bus module capable of
operation up to 100 kbps with maximum bus loading;
capable of higher baudrates with reduced loading
– MTIM1 and MTIM2 — Two 8-bit modulo timers
– KBI — Keyboard interrupts with rising or falling edge
detect; eight KBI ports in 16-pin and 20-pin packages
– ACMP — Analog comparator: full rail-to-rail supply
operation; option to compare to fixed internal bandgap
reference voltage; can operate in stop mode
• Input/Output
– 14/18 GPIOs including one output only pin and one
input only pin
– Hysteresis and configurable pullup device on all input
pins; configurable slew rate and drive strength on all
output pins
• Package Options
– 16-pin SOIC, PDIP or TSSOP
– 20-pin SOIC or PDIP
MC9RS08KA8 Series
Covers: MC9RS08KA8
MC9RS08KA4
TBD
20-Pin W-SOIC
Case 751D
16-Pin W-SOIC
Case 751G
20-Pin PDIP
Case 738C
16-Pin PDIP
Case 648
TBD
TBD
TBD
16-Pin TSSOP
Case 948F


Similar Part No. - MC9RS08KA4CPJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08KA4CPJ FREESCALE-MC9RS08KA4CPJ Datasheet
200Kb / 2P
   8-bit Microcontrollers
More results

Similar Description - MC9RS08KA4CPJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_08 Datasheet
952Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
896Kb / 40P
   MCU Block Diagram
MC9RS08LE4 FREESCALE-MC9RS08LE4 Datasheet
536Kb / 30P
   MCU Block Diagram
MC9RS08KB12 FREESCALE-MC9RS08KB12 Datasheet
853Kb / 48P
   MCU Block Diagram
MC9RS08LA8 FREESCALE-MC9RS08LA8 Datasheet
1,002Kb / 34P
   MCU Block Diagram
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com