Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3V1T66 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX3V1T66
Description  Low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3V1T66 Datasheet(HTML) 3 Page - NXP Semiconductors

  NX3V1T66_10 Datasheet HTML 1Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 2Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 3Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 4Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 5Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 6Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 7Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 8Page - NXP Semiconductors NX3V1T66_10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NX3V1T66_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 24 March 2010
3 of 20
NXP Semiconductors
NX3V1T66
Low-ohmic single-pole single-throw analog switch
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 3.
Pin configuration SOT353-1 (TSSOP5)
Fig 4.
Pin configuration SOT886 (XSON6)
NX3V1T66
YVCC
Z
GND
E
001aai591
1
2
3
5
4
NX3V1T66
Z
001aah555
Y
GND
n.c.
VCC
E
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1
SOT886
Y
1
1
independent input or output
Z
2
2
independent output or input
GND
3
3
ground (0 V)
E
4
4
enable input (active HIGH)
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input E
Switch
L
OFF-state
H
ON-state


Similar Part No. - NX3V1T66_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results

Similar Description - NX3V1T66_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com