Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08LL16 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC9S08LL16
Description  Implementing a Glucometer and Blood Pressure Monitor Medical Devices
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LL16 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC9S08LL16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08LL16 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Clock configuration:
• Clock source—Bus clock/64 = 10 MHz/64 = 156.250 kHz
• Clock cycle—6.4 us
PWM configuration:
• Counter Value—0x200 (HEX) = 512 (DEC) = 3.27 ms per duty cycle
• Motor PWM—0x80 (HEX) = 128 (DEC) = 25% of duty cycle
• Valve PWM—0x 100 (HEX) = 256 (DEC) = 50% of duty cycle
NOTE
This value is used to generate the PWM in the TPMxMOD register.
Although the motor and valve PWM have the same clock source they are never enabled at the same time.
5.4 Obtaining Blood Pressure Measurements
Shown below is the maximal value that corresponds to 180 mm Hg. When the MCU detects this pressure the system turns off
the motor and starts to stabilize. How blood pressure and voltage relate and compare to each other is explained below. A pressure
of 180 mm Hg is taken as a maximal value. First, it is necessary to make the conversion from mm Hg to kPa, because the sensor
datasheets show values in kPa.
Conversion of mm Hg to kPa—1 kPa=7.50061505043 mm Hg then 180 mm Hg=24 kPa. It is possible with this conversion to
get an approximate voltage.
According to the graphic and transfer function that the pressure sensor datasheet provides, it is possible to know the voltage
present when the pressure sensor detects 180 mm Hg.
Transfer Function—3.3*[(0.018*24) + 0.04] = 1.55 V (This value is just an approximation without error)
Figure 9. Voltage output versus pressure
The ADC module was configured in a 12-bit mode and can have counts of up to 4095. Taking the voltage supply of 3.3 V the
ADC resolution is approximately 0.8058 mV/count . It is necessary to know when the pressure reaches 180 mm Hg which
according to the transfer function the sensor delivers 1.55 V. This data lets you know how many counts are necessary to detect
180 mm Hg=1.55 V/0.8058 mV=1923 counts to provide a range of error. The systems uses 1900 counts to have a margin of
error.
if (gu16Pressure>1900) //180 mm Hg
Implementing a Glucometer and Blood Pressure Monitor Medical Devices, Rev. 1, 4/2010
9
Freescale Semiconductor, Inc.
Blood Pressure Monitor


Similar Part No. - MC9S08LL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
957Kb / 44P
   MC9S08LL16 Series
logo
NXP Semiconductors
MC9S08LL16 NXP-MC9S08LL16 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08LL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DRM101 FREESCALE-DRM101 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
logo
JL World Company Limite...
MPS-200G JLWORLD-MPS-200G Datasheet
2Mb / 7P
   Disposable Blood Pressure Sensor
logo
Holtek Semiconductor In...
BH66F2260 HOLTEK-BH66F2260 Datasheet
7Mb / 214P
   R-Sensor Blood Pressure Meter Flash MCU
BH67F2260 HOLTEK-BH67F2260 Datasheet
12Mb / 253P
   R-Sensor Blood Pressure Meter Flash MCU with LCD
logo
Laird Tech Smart Techno...
BT900-SA-0X LSTD-BT900-SA-0X Datasheet
2Mb / 46P
   Medical devices
logo
Greystone Energy System...
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
   ROOM PRESSURE MONITOR
PS-RPC GREYSTONE-PS-RPC Datasheet
179Kb / 2P
   ROOM PRESSURE MONITOR
logo
OmniVision Technologies...
OV6922 OMNIVISION-OV6922 Datasheet
2Mb / 2P
   Medical Devices
logo
STMicroelectronics
AN1216 STMICROELECTRONICS-AN1216 Datasheet
198Kb / 11P
   Implementing a periodic alarm with TIMEKEEPER
AN2967 STMICROELECTRONICS-AN2967 Datasheet
169Kb / 9P
   Implementing a driven shield on STM8T and STM8TS capacitive sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com