Electronic Components Datasheet Search |
|
AN4025 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
AN4025 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 31 page Clock configuration: • Clock source—Bus clock/64 = 10 MHz/64 = 156.250 kHz • Clock cycle—6.4 us PWM configuration: • Counter Value—0x200 (HEX) = 512 (DEC) = 3.27 ms per duty cycle • Motor PWM—0x80 (HEX) = 128 (DEC) = 25% of duty cycle • Valve PWM—0x 100 (HEX) = 256 (DEC) = 50% of duty cycle NOTE This value is used to generate the PWM in the TPMxMOD register. Although the motor and valve PWM have the same clock source they are never enabled at the same time. 5.4 Obtaining Blood Pressure Measurements Shown below is the maximal value that corresponds to 180 mm Hg. When the MCU detects this pressure the system turns off the motor and starts to stabilize. How blood pressure and voltage relate and compare to each other is explained below. A pressure of 180 mm Hg is taken as a maximal value. First, it is necessary to make the conversion from mm Hg to kPa, because the sensor datasheets show values in kPa. Conversion of mm Hg to kPa—1 kPa=7.50061505043 mm Hg then 180 mm Hg=24 kPa. It is possible with this conversion to get an approximate voltage. According to the graphic and transfer function that the pressure sensor datasheet provides, it is possible to know the voltage present when the pressure sensor detects 180 mm Hg. Transfer Function—3.3*[(0.018*24) + 0.04] = 1.55 V (This value is just an approximation without error) Figure 9. Voltage output versus pressure The ADC module was configured in a 12-bit mode and can have counts of up to 4095. Taking the voltage supply of 3.3 V the ADC resolution is approximately 0.8058 mV/count . It is necessary to know when the pressure reaches 180 mm Hg which according to the transfer function the sensor delivers 1.55 V. This data lets you know how many counts are necessary to detect 180 mm Hg=1.55 V/0.8058 mV=1923 counts to provide a range of error. The systems uses 1900 counts to have a margin of error. if (gu16Pressure>1900) //180 mm Hg Implementing a Glucometer and Blood Pressure Monitor Medical Devices, Rev. 1, 4/2010 9 Freescale Semiconductor, Inc. Blood Pressure Monitor |
Similar Part No. - AN4025 |
|
Similar Description - AN4025 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |