Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3V1G384 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NX3V1G384
Description  Low-ohmic single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3V1G384 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NX3V1G384 Datasheet HTML 5Page - NXP Semiconductors NX3V1G384 Datasheet HTML 6Page - NXP Semiconductors NX3V1G384 Datasheet HTML 7Page - NXP Semiconductors NX3V1G384 Datasheet HTML 8Page - NXP Semiconductors NX3V1G384 Datasheet HTML 9Page - NXP Semiconductors NX3V1G384 Datasheet HTML 10Page - NXP Semiconductors NX3V1G384 Datasheet HTML 11Page - NXP Semiconductors NX3V1G384 Datasheet HTML 12Page - NXP Semiconductors NX3V1G384 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NX3V1G384_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 24 March 2010
9 of 18
NXP Semiconductors
NX3V1G384
Low-ohmic single-pole single-throw analog switch
12.1 Waveform and test circuits
Measurement points are given in Table 10.
Logic level: VOH is the typical output voltage that occurs with the output load.
Fig 15. Enable and disable times.
001aai600
ten
tdis
switch
enabled
switch
disabled
switch
disabled
VX
VX
Y or Z output
LOW to OFF
OFF to LOW
E input
GND
VOH
VM
VM
GND
VI
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VX
1.4 V to 4.3 V
0.5VCC
0.9VOH
Test data is given in Table 11.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
Fig 16. Load circuit for switching times
V
VI
VO
001aai601
CL
RL
Y/Z
Z/Y
E
VCC
VEXT = 1.5 V
G
Table 11.
Test data
Supply voltage
Input
Load
VCC
VI
tr, tf
CL
RL
1.4 V to 4.3 V
VCC
≤ 2.5 ns
35 pF
50
Ω


Similar Part No. - NX3V1G384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1G384 PHILIPS-NX3V1G384 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
NX3V1G384GM NXP-NX3V1G384GM Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1G384GM PHILIPS-NX3V1G384GM Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
NX3V1G384GW NXP-NX3V1G384GW Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
More results

Similar Description - NX3V1G384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com