Part Name
         Description
NX3L2G384GM

 Dual low-ohmic single-pole single-throw analog switch ( 20 Page)


NXP
100% 
Zoom Out Zoom In
 
 4 page
background image
NX3L2G384_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 August 2009
4 of 20
NXP Semiconductors
NX3L2G384
Dual low-ohmic single-pole single-throw analog switch
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
9.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed but may not
exceed 4.6 V.
[3]
For XSON8, XSON8U and XQFN8U packages: above 118
°C the value of Ptot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
SOT833-1 and SOT996-2
SOT902-1
1Y, 2Y
1, 5
7, 3
independent input or output
1Z, 2Z
2, 6
6, 2
independent input or output
GND
4
4
ground (0 V)
1E, 2E
7, 3
1, 5
enable input (active LOW)
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input nE
Switch
L
ON-state
H
OFF-state
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
enable input nE
−0.5
+4.6
V
VSW
switch voltage
−0.5
VCC + 0.5 V
IIK
input clamping current
VI < −0.5 V
−50
-
mA
ISK
switch clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±50
mA
ISW
switch current
VSW > −0.5 V or VSW < VCC + 0.5 V;
source or sink current
-
±350
mA
VSW > −0.5 V or VSW < VCC + 0.5 V;
pulsed at 1 ms duration, < 10 % duty cycle;
peak current
-
±500
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
250
mW



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl