Part Name
         Description
NX3L2G384GT

 Dual low-ohmic single-pole single-throw analog switch ( 20 Page)


NXP
100% 
Zoom Out Zoom In
 13 page
background image
NX3L2G384_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 August 2009
13 of 20
NXP Semiconductors
NX3L2G384
Dual low-ohmic single-pole single-throw analog switch
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads −3dB.
Fig 19. Test circuit for measuring the frequency response when channel is in ON-state
dB
001aaj525
nY/nZ
nE
VIL
fi
RL
nZ/nY
VCC
0.5VCC
Adjust fi voltage to obtain 0 dBm level at input.
Fig 20. Test circuit for measuring isolation (OFF-state)
dB
001aaj526
nY/nZ
nE
VIH
fi
RL
nZ/nY
VCC
0.5VCC
RL
0.5VCC
a. Test circuit
b. input and output pulse definitions
Fig 21. Test circuit for measuring crosstalk voltage between digital inputs and switch
VVO
001aaj527
RL
CL
RL
VI
nY/nZ
nZ/nY
nE
VCC
0.5VCC
0.5VCC
G
001aaj528
on
off
off
logic
input (nE)
VO
Vct



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl